Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSP740 Datasheet(PDF) 1 Page - Powerbox

Part # PBSP740
Description  7 2 V D C , 4 0 0 0 WAT T S R A I LWAY D C / A C I N V E R T E R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBSP740 Datasheet(HTML) 1 Page - Powerbox

  PBSP740 Datasheet HTML 1Page - Powerbox PBSP740 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
475
PBSP 740 Series
7 2 V D C , 4 0 0 0 W A T T S R A I L W A Y D C / A C I N V E R T E R
Features
•
High surge rating of 12kW.
•
Halogen free low smoke Radox cabling.
•
Earth leakage breaker on output.
•
Strengthened against shock & vibration.
•
Input spike & burst protection.
INPUT
Voltage
60-84Vdc
Current
40mA standby, 60A (74Vdc input), 160A max.
Under voltage cut-out
59Vdc.
Under voltage re-set
71Vdc.
Over voltage cut-out
90Vdc.
Over voltage re-set
87Vdc.
Input protection
100A, AS3111, 10kA MCB
OUTPUT
Voltage
240Vac ±5%
Frequency
50Hz ±1%
Total harmonic distortion
3%
Output power
4kW continuous.
Surge power
5kW, 30min; 12kW, 3sec.
Output overload and short
circuit protection
Automatic shutdown, auto restart after 60
secs.
Output protection
Via 20A MCB / RCD as per AS3111 /
AS3190.Output neutral connected to inverter
chassis earth on inverter side of MCB / RCD.
Over temperature
protection
Shutdown, auto-restart.
OPERATING
Efficiency
90%–95% load dependent.
Isolation
Input – Output: 4250VAC
Input – Ground: 1700VAC
Output – Ground: 2250VAC
ENVIRONMENTAL
Operating temperature
0°C to 50°C ambient. Derate to 65°C at
reduced duty cycle.
Cooling
Internal thermostatically controlled fan.
Shock
4G ±20% longitudinally
Vibration
Resonant search:
20-2.2mm double amplitude (1-9Hz)
2.2-0.8mm double amplitude (10-50Hz)
Endurance:
3 hours per axis (X,Y,Z) at 50Hz 0.8mm double
amplitude.
Relative Humidity
95% non-condensing
STANDARDS
C-Tick
Designed to meet AS/NZS CISPR11:
/EN50121-3-2 limits
MECHANICAL
Dimensions
490x300x235mm
Weight
38kgs.
Enclosure
Powder coated aluminium chassis.
Wiring
All internal wiring uses Radox 125 halogen
free low smoke cable.
Mounting
Suitable for vertical or horizontal mounting.
DC input connector
MS3102 R28-22P F80 six crimp pin chassis
receptacle.
DC mating connector
MS3108 E28-22SF80 right angle six crimp
socket plug with strain relief. Supplied with
unit
OUTPUT CONNECTOR (PBSP-740-D VARIANT)
AC output connector
MS3102 R1810S F80. Four crimp socket
chassis receptacle.
AC mating connector
MS3106 R1810P F80. Four crimp pin plug with
strain relief supplied with the unit.
OUTPUT CONNECTOR (PBSP-740-G VARIANT)
AC output connector
Three Wilco WIBM110-LE
Terminations
Single phase 10A 3 flat IP56 insulated socket
outlets.
SPECIFICATIONS


Similar Part No. - PBSP740

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBSP-110I POWERBOX-PBSP-110I Datasheet
224Kb / 1P
110VDC, 2500 WATTS RAILWAY DC/AC INVERTER
logo
Protek Devices
PBSP-120-10K PROTEC-PBSP-120-10K Datasheet
262Kb / 5P
3 POLE LED DRIVER & BALLAST PROTECTION MODULE
PBSP-120-20K PROTEC-PBSP-120-20K Datasheet
264Kb / 5P
3 POLE LED DRIVER & BALLAST PROTECTION MODULE
logo
Powerbox
PBSP-12R POWERBOX-PBSP-12R Datasheet
489Kb / 1P
150 - 250 WATT DC/AC INVERTER
PBSP-12R POWERBOX-PBSP-12R Datasheet
140Kb / 1P
1 5 0 - 2 5 0WAT T D C / A C I N V E R T E R
More results

Similar Description - PBSP740

ManufacturerPart #DatasheetDescription
logo
Powerbox
24V POWERBOX-24V Datasheet
210Kb / 1P
75 - 4 0 0 WAT T S - D C / D C C O N V E R T E R S
28V POWERBOX-28V Datasheet
53Kb / 1P
5 0 - 2 0 0 WAT T S - D C / D C C O N V E R T E R S
110V POWERBOX-110V Datasheet
238Kb / 1P
5 0 - 4 0 0 WAT T S - D C / D C C O N V E R T E R S
300V POWERBOX-300V Datasheet
263Kb / 1P
5 0 - 5 0 0 WAT T S - D C / D C C O N V E R T E R S
375V POWERBOX-375V Datasheet
211Kb / 1P
5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R S
B62SR POWERBOX-B62SR Datasheet
957Kb / 2P
3 0 0 WAT T S D C / D C C O N V E R T E R
DVC75 POWERBOX-DVC75 Datasheet
85Kb / 2P
4 0 - 7 7 WAT T S D C / D C C O N V E R T E R
PU500 POWERBOX-PU500 Datasheet
243Kb / 3P
4 0 0 - 5 0 0 WAT T S D C / D C I N D U S T R I A L C O N V E R T E R
PBSP-EVEREST POWERBOX-PBSP-EVEREST Datasheet
164Kb / 1P
2 0 0 0 - 3 8 0 0WAT T D C / A C I N V E R T E R
PBSP-TEMPO POWERBOX-PBSP-TEMPO Datasheet
130Kb / 1P
5 0 0 - 7 0 0WAT T D C / A C I N V E R T E R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com