Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSC06 Datasheet(PDF) 1 Page - Powerbox

Part # PSC06
Description  1 0 0 0 - 6 0 0 0 WAT T S 2 U U LT R A C O M PA C T B AT T E R Y C H A R G E R S
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PSC06 Datasheet(HTML) 1 Page - Powerbox

  PSC06 Datasheet HTML 1Page - Powerbox PSC06 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Doc. No. PSC06 Series Rev.C 28-9-15
1
PSC06 Series
1 0 0 0 - 6 0 0 0 W A T T S 2 U U L T R A C O M P A C T B A T T E R Y C H A R G E R S
Powering Progress
FEATURES
•
1000W - 6000W
•
Configurable Battery Charging System
•
2U 19" Rack Mounting
•
Network Monitoring
•
N+1 Operation
•
Fully Featured Telecom Grade Rectifier
SPECIFICATIONS
INPUT
AC input
240V AC (90-300V) Single phase or 415V AC
Three phase (shelf type dependant)*
Frequency range
45-66 Hz
Power factor
>0.99 full load
Termination
Single phase, 6 - 10mm² L, N, E tunnel terminals*
Three phase, 6 - 10 mm² L1,L2,L3,N,E terminals *
(Single phase by linking line terminals)
DC OUTPUTT
Nominal voltage
48V (+48V or +24V optional)*
Rated system output
power
6-8k Watts @ -48V (refer to table)
3-4k Watts @ 24V
Polarity
Positive earth,
(negative earth option available)*
DC DISTRIBUTION
Load
Standard Shelf configuration.
(Customized configuration available)*
Battery
Standard Shelf configuration
(Customized configuration available)*
Breaker fail detection
Electronic fail detection on both load
and battery breakers
DC terminals
Rear Connect DIN Rail
Load
Tunnel terminals 6 mm² to 16mm²*
Battery
Tunnel terminals 35mm²*
Low voltage disconnect See Standard Shelf configuration.
ENVIRONMENTAL REQUIREMENTS
Ambient Temperature
-20ºC to +70ºC
Storage Temperature
-30ºC to +85ºC
Humidity
5-95% RH (non-condensing)
Altitude
<2,500m at full power
MECHANICAL
Dimensions
W, H, D
482.6mm (19” mount), 89.0mm (2U), 390.0mm
Weight
9kg (excluding rectifier modules)
Shipping Dimensions
W, H, D
540.0mm, 150.0mm, 435.0mm
Shipping Weight
10.5kg (excluding rectifier modules)
MONITORING & CONTROL
Display
Multi-lingual alpha numeric backlit display
Communications
Serial: 1x USB port on front panel for local PC interface
TCP/IP: Ethernet interface for communication using
SNMP protocol and internal web based configurator*
Modbus: Supported via TCP/IP*
LED Indicators
Green: Power on/monitor OK
Yellow: Non urgent alarm
Red: Urgent alarm
Audible
90dBA buzzer mappable to user defined conditions
Controls
3x push buttons for parameter setting or viewing on
front panel
Signal Inputs
Serial bus for rectifier control and interface to
peripheral modules
6x digital inputs
2x temperature sensors (one fitted by default)
Alarms
6x alarm relays, 5x of which can be mapped for
customised alarm settings
Alarm Contacts
0.3A 100V volts free changeover contacts
Logging Capacity
Periodic log, 16,384 records (dependant on number of
parameters logged)
Event log, 16,384 records (dependant on number of
parameters logged)
Connections
Relay outputs, mini combicon to accept 1.5mm² wire
USB port, USB mini B
*TCP/IP and modbus options only available with SM36 supervisory module.
CONFIGURATION AND OPTIONS
Rectifiers
RM2048XE: 2.0kW modular rectifier, 230V AC input,
48V DC output, 41.7A maximum output
RM2048HE: 2.0kW modular rectifier, 230V AC input,
48V DC output, 41.7A maximum output
RM2048/24: 2.0kW modular rectifier, 230V AC input,
48 or 24V DC output, 41.7A maximum output
RM1860/48: 1.8kW modular rectifier, 230V AC input,
60 or 48V DC output, 30.0A maximum output
Supervisory Modules
SM35: standard monitor featuring full temperature
compensation, automated and manual battery
testing/equalisation
SM36: enhanced monitor featuring full temperature
compensation, automated and manual battery
testing/equalisation with TCP/IP
ARBP-1M
Metal rectifier blanking panel
ASM-ABM24(-24-48-60)
Battery condition monitor for 24, 48 or 60V battery
strings
ASM-AC3P
AC mains monitor


Similar Part No. - PSC06

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSC0665B1 NEXPERIA-PSC0665B1 Datasheet
240Kb / 9P
650 V, 6 A SiC Schottky diode in bare die
10 October 2024
PSC0665H NEXPERIA-PSC0665H Datasheet
255Kb / 10P
650 V, 6 A SiC Schottky diode in DPAK R2P
25 September 2024
PSC0665K NEXPERIA-PSC0665K Datasheet
233Kb / 9P
650 V, 6 A SiC Schottky diode in TO-220-2 R2P
19 August 2024
More results

Similar Description - PSC06

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBB10C POWERBOX-PBB10C Datasheet
297Kb / 3P
6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
28V POWERBOX-28V Datasheet
53Kb / 1P
5 0 - 2 0 0 WAT T S - D C / D C C O N V E R T E R S
110V POWERBOX-110V Datasheet
238Kb / 1P
5 0 - 4 0 0 WAT T S - D C / D C C O N V E R T E R S
300V POWERBOX-300V Datasheet
263Kb / 1P
5 0 - 5 0 0 WAT T S - D C / D C C O N V E R T E R S
375V POWERBOX-375V Datasheet
211Kb / 1P
5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R S
ACE POWERBOX-ACE Datasheet
405Kb / 5P
3 0 0 - 9 0 0 WAT T S - A C / D C M O D U L A R O U T P U T
PU500 POWERBOX-PU500 Datasheet
243Kb / 3P
4 0 0 - 5 0 0 WAT T S D C / D C I N D U S T R I A L C O N V E R T E R
PBN14C POWERBOX-PBN14C Datasheet
112Kb / 1P
6 0 WAT T T H R E E S T E P C H A R G E R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com