Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSC06V2 Datasheet(PDF) 2 Page - Powerbox

Part # PSC06V2
Description  1 0 0 0 - 6 0 0 0 WAT T S 2 U U LT R A C O M PA C T B AT T E R Y C H A R G E R S
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PSC06V2 Datasheet(HTML) 2 Page - Powerbox

  PSC06V2 Datasheet HTML 1Page - Powerbox PSC06V2 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerbox.com.au
1800 251 380
www.powerbox.co.nz
09 4158 320
2
PSC06 Series
1 0 0 0 - 6 0 0 0 W A T T S 2 U U L T R A C O M P A C T B A T T E R Y C H A R G E R S
Doc. No. PSC06 Series Rev.C 28-9-15
SELECTION TABLE
TECHNICAL ILLUSTRATIONS
MODEL NUMBER
MAX RECTIFIERS
MAX SHELF POWER
DC DISTRIBUTION
PSC06 V1
3
24, 48 or 60VDC
6.0kW
Positive or Negative Earth
6 x load circuit breakers (6-63A)
2 x battery circuit breakers (max 63A)
125A magnetically latching battery LVD
PSC06 V2
3
24, 48 or 60VDC
6.0kW
Positive or Negative Earth
16 x load circuit breakers (2-30A)
2 x battery circuit breakers (max 100A)
125A magnetically latching battery LVD
*System part numbers are dependent on configuration options. For final system part numbers consult our sales staff for configuration advice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com