Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPL-RO-8F-EBX-IDFF Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SPPL-RO-8F-EBX-IDFF
Description  Simplex LC Connector, Bi-directional
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPPL-RO-8F-EBX-IDFF Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SPPL-RO-8F-EBX-IDFF Datasheet HTML 1Page - Source Photonics, Inc. SPPL-RO-8F-EBX-IDFF Datasheet HTML 2Page - Source Photonics, Inc. SPPL-RO-8F-EBX-IDFF Datasheet HTML 3Page - Source Photonics, Inc. SPPL-RO-8F-EBX-IDFF Datasheet HTML 4Page - Source Photonics, Inc. SPPL-RO-8F-EBX-IDFF Datasheet HTML 5Page - Source Photonics, Inc. SPPL-RO-8F-EBX-IDFF Datasheet HTML 6Page - Source Photonics, Inc. SPPL-RO-8F-EBX-IDFF Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary Datasheet Preliminary Datasheet
DS-7749
Rev 00 2014-06-05
Preliminary Datasheet
SPPL-RO-8F-EBX-IDFF
Absolute Maximum Ratings
Table 2 - Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Storage Temperature
TS
-40
-
+85
°C
Supply Voltage
VCC
-0.5
-
+4.0
V
Operating Relative Humidity
RH
-
-
+85
%
Recommended Operating Conditions
Table 3 – Recommended Operating Conditions
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Operating Case Temperature
TC
-40
-
+85
°C
Power Supply Voltage
VCC
3.14
3.3
3.46
V
Power Supply Current
ICC
-
-
300
mA
Power Dissipation
PD
-
-
1.0
W
2
Bit Rate
BR
2.457
6.144
-
Gbps
Transmission Distance
TD
2
-
20,000
m
1
Notes
1. Measured with SMF.
2. Measured at typical supply voltage 3.3V
Optical Characteristics
Table 4 – Optical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Center Wavelength Range
λC
1260
1270
1280
nm
Average Output Power
P0UT
-4.2
-
3
dBm
1
Average Output Power (Laser Off)
P0UT-OFF
-
-
-30
dBm
1
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Extinction Ratio
ER
3.5
-
-
dB
2
Transmitter and Dispersion Penalty
TDP
-
-
3.2
dB
Optical Eye Mask
Compliant with IEEE 802.3-2008
2
Receiver
Center Wavelength Range
λC
1320
1330
1340
nm
Receiver Sensitivity
PIN-SENS(AVG)
-
-
-14.4
dBm
3
Receiver Overload
PIN-OL
0.5
-
-
dBm
3
LOS Assert
LOSA
-30
-
-
dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com