Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-MR-08-CDFB Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # XP-MR-08-CDFB
Description  2-wire interface with integrated Digital Diagnostic monitoring
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

XP-MR-08-CDFB Datasheet(HTML) 2 Page - Source Photonics, Inc.

  XP-MR-08-CDFB Datasheet HTML 1Page - Source Photonics, Inc. XP-MR-08-CDFB Datasheet HTML 2Page - Source Photonics, Inc. XP-MR-08-CDFB Datasheet HTML 3Page - Source Photonics, Inc. XP-MR-08-CDFB Datasheet HTML 4Page - Source Photonics, Inc. XP-MR-08-CDFB Datasheet HTML 5Page - Source Photonics, Inc. XP-MR-08-CDFB Datasheet HTML 6Page - Source Photonics, Inc. XP-MR-08-CDFB Datasheet HTML 7Page - Source Photonics, Inc. XP-MR-08-CDFB Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DS-6836
Rev 01
2013-10-11
XP-MR-08-CDFB
Absolute Maximum Ratings
Table 2 - Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Storage Temperature
TS
-40
-
+85
°C
Supply Voltage
VCC5
-0.5
-
+6.0
V
VCC3
-0.5
-
+4.0
V
VCC2
-0.5
+2.0
V
Operating Relative Humidity
RH
-
-
+85
%
Damage Threshold for Receiver
PIN-Damage
-
-
1
dBm
Recommended Operating Conditions
Table 3
– Recommended Operating Conditions
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Operating Case Temperature
TC
-5
-
+70
°C
Power Supply Voltage
VCC5
4.75
5.0
5.25
V
VCC3
3.14
3.3
3.46
V
VCC2
1.71
1.8
1.89
V
Power Supply Current
ICC5
-
-
500
mA
ICC3
-
-
750
mA
ICC2
-
-
1000
mA
Power Dissipation
PD
-
-
3.5
W
Bit Rate
BR
9.95
-
11.1
Gbps
Transmission Distance
TD
2
-
80,000
m
1
Note 1: Measured with G.652 SMF.
Optical Characteristics
Table 4
– Optical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Center Wavelength Range
λ
C
1530
-
1565
nm
Average Output Power
P0UT
0
2
4
dBm
1
Average Output Power (Laser Off)
P0UT-OFF
-
-
-35
dBm
1
Side Mode Suppression Ratio
SMSR
35
-
-
dB
Spectral Width
λ
20
-
-
1
nm
Extinction Ratio
ER
9
-
-
dB
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com