Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78250JC-R Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # 78250JC-R
Description  MAX250/MAX251 Compatible Converter SM Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

78250JC-R Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  78250JC-R Datasheet HTML 1Page - Murata Power Solutions Inc. 78250JC-R Datasheet HTML 2Page - Murata Power Solutions Inc. 78250JC-R Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
78250J Series
MAX250/MAX251 Compatible Converter SM Transformers
KMP_78250JC_A03 Page 2 of 3
www.murata-ps.com/support
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
0.354
(9.0) Max.
0.375
(9.52) Max.
0.5
(12.70)
0.025 (0.63)
0.021 (0.53)
0.035 (0.90)
0.012 (0.30)
0.008 (0.20)
0.25
(6.35)
0.1 (2.54)
78250JC
XYYWW
Primary
Secondary
SOLDERING INFORMATION1
Pin finish
Matte tin
Max. peak reflow temperature
245°C
Moisture sensitivity level2
1
Max. time above liquidous (217°C)
100s
1 For further information, please visit www.murata-ps.com/rohs
2 Representative samples of the product were subjected to the conditioning described in IPC/JEDEC
J-STD-020D and passed electrical testing, package coplanarity and visual inspection which
revealed no external cracks or changes in package body flatness.
6
5*
4
1
2
3
Unless otherwise stated all dimensions in inches (mm)
±0.01 (0.25). All pins on a 0.1 (2.54) pitch and within
±0.01 (0.25) of true position.
Unless otherwise stated all dimensions in inches (mm) ±0.01 (0.25).
All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
* Pin 5 is connected to secondary center tap. Package Weight 1.0g TYP.
0.10 (2.54)
0.10 (2.54)
Ø0.05 (1.20) +0.006 (0.15)
-0.000 (0.00)
0.45
(11.50)
0.10 (2.54)
0.04
(1.00)
0.06 (1.60)
TUBE OUTLINE DIMENSIONS
0.023±0.005
(0.60±0.15)
0.16 (4.00)
0.22 (5.50)
0.43
(10.95)
0.51
(12.95)
0.15
(3.80)
0.62 (15.70)
Unless otherwise stated all
dimensions in inches (mm)
±0.01 (0.25).
Tube length: 18.3±0.08 (465±2).
Tube material: Antistatic coated
clear pvc.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com