Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78250JVC-R Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # 78250JVC-R
Description  MAX250/MAX251 Compatible Converter SM Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

78250JVC-R Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  78250JVC-R Datasheet HTML 1Page - Murata Power Solutions Inc. 78250JVC-R Datasheet HTML 2Page - Murata Power Solutions Inc. 78250JVC-R Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
78250J Series
MAX250/MAX251 Compatible Converter SM Transformers
KMP_78250JC_A03 Page 1 of 3
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
 
www.murata-ps.com/support
FEATURES
n J-STD-020D reflow
n
RoHS compliant
n
Maxim MAX250/MAX251 compatible
n
Isolation to 4kVrms
n
Industry-standard pinout
n
Surface mount option
n
UL 94 V-0 package materials
n
Low profile
n
Toroidal construction
n
Industrial temperature range
DESCRIPTION
The 78250 series of converter transformers
are specifically designed for use with Maxim
chipsets to provide isolated RS232 interfaces.
Carefully controlled turns ratios ensure consistent
performance whilst a toroidal construction
minimises EMI.
For through hole versions see 78250 datasheet.
CHARACTERISTICS 78250JC
Parameter
Conditions
Min.
Typ.
Max.
Units
Primary Inductance, L
P
10kHz, 100mV
1.0
2.0
2.5
mH
Leakage Inductance, L
L
100kHz, 100mV
0.6
3.0
μH
Interwinding Capacitance, C
WW
100kHz, 100mV
48
90
pF
Primary D.C. Resistance, R
DC
<0.1VDC
0.7
2.0
Ω
Volt-time Product, Et
Pins1/2 or 2/3
50
Vμs
Turns Ratio
1:1
CHARACTERISTICS 78250JVC
Parameter
Conditions
Min.
Typ.
Max.
Units
Primary Inductance, L
P
10kHz, 100mV
1.0
2.0
2.5
mH
Leakage Inductance, L
L
100kHz, 100mV
35
40
μH
Interwinding Capacitance, C
WW
100kHz, 100mV
4
10
pF
Primary D.C. Resistance, R
DC
<0.1VDC
0.9
1.8
Ω
Volt-time Product, Et
Pins1/2 or 2/3
50
Vμs
Turns Ratio
1:1
ORDER CODE DETAILS
Order Code
Package Type
Packaging Type
Quantity
78250JC / 78250JVC
6 Pin SM
Tube
50
78250JC-R / 78250JVC-R
6 Pin SM
Tape & Reel
500
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 85°C
Storage temperature range
-50°C to 125°C
Lead temperature 1.5mm from case for 10 seconds
300°C
Peak current, I
PK
300mA
Isolation voltage 78250(J)C (flash tested for 1 second)
1.5kVrms
Isolation voltage 78250V(J)C (flash tested for 1 second)
4.0kVrms
All specifications typical at T
A=25°C
TECHNICAL NOTES
ISOLATION
VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’,
‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’ are all
terms that relate to the same thing, a test voltage, applied for a
specified time, across a component designed to provide electri-
cal isolation, to verify the integrity of that isolation.
All products in this series are 100% production tested at
their stated isolation voltage.
A question commonly asked is, “What is the continuous volt-
age that can be applied across the part in normal operation?”
For a part holding no specific agency approvals both input
and output should normally be maintained within SELV limits
i.e. less than 42.4V peak, or 60VDC. The isolation test volt-
age represents a measure of immunity to transient voltages
and the part should never be used as an element of a safety
isolation system. The part could be expected to function cor-
rectly with several hundred volts offset applied continuously
across the isolation barrier; but then the circuitry on both
sides of the barrier must be regarded as operating at an
unsafe voltage and further isolation/insulation systems must
form a barrier between these circuits and any user-accessi-
ble circuitry according to safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation
testing of a barrier component can actually degrade
isolation capability, to a lesser or greater degree
depending on materials, construction and environ-
ment. This series has toroidal isolation transformers,
with no additional insulation between primary and
secondary windings of enameled wire. While parts
can be expected to withstand several times the stated
test voltage, the isolation capability does depend on
the wire insulation. Any material, including this enamel
(typically polyurethane) is susceptible to eventual
chemical degradation when subject to very high ap-
plied voltages thus implying that the number of tests
should be strictly limited. We therefore strongly advise
against repeated high voltage isolation testing, but if it
is absolutely required, that the voltage be reduced by
20% from specified test voltage.
This consideration equally applies to agency recog-
nized parts rated for better than functional isolation
where the wire enamel insulation is always supple-
mented by a further insulation system of physical
spacing or barriers.


Similar Part No. - 78250JVC-R

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
78250JC MURATA-78250JC Datasheet
406Kb / 3P
MAX250/MAX251 Compatible Converter SM Transformers
More results

Similar Description - 78250JVC-R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
78253 CANDD-78253 Datasheet
168Kb / 2P
MAX253 Compatible Converter Transformers
logo
Murata Manufacturing Co...
KMP_7625XEN MURATA-KMP_7625XEN Datasheet
140Kb / 4P
EN Approved MAX250/251/253 Compatible Converter Transformers
KMP_78250 MURATA-KMP_78250 Datasheet
146Kb / 3P
MAX250 Compatible Converter Transformers
KMP_782485C MURATA-KMP_782485C Datasheet
106Kb / 2P
ADM2485 Compatible Converter Transformers
78250JC MURATA-78250JC Datasheet
406Kb / 3P
MAX250/MAX251 Compatible Converter SM Transformers
logo
Toppower Electronic Tec...
TP102MV TOPPOWER-TP102MV Datasheet
533Kb / 2P
MAX250/MAX251Compatible Converter Transformers
logo
Murata Power Solutions ...
78250 MURATA-PS-78250 Datasheet
98Kb / 3P
MAX250/MAX251 Compatible Converter Transformers
782100 MURATA-PS-782100 Datasheet
151Kb / 4P
PE22100 Compatible Converter Transformers
logo
Toppower Electronic Tec...
TP250MV TOPPOWER-TP250MV Datasheet
803Kb / 2P
MAX250/MAX251Compatible Converter Transformers
TP102MV TOPPOWER-TP102MV_19 Datasheet
863Kb / 2P
MAX250/MAX251Compatible Converter Transformers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com