Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE0203-CT Datasheet(PDF) 2 Page - Kemet Corporation

Part # SE0203-CT
Description  CT Series Low Current AC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SE0203-CT Datasheet(HTML) 2 Page - Kemet Corporation

  SE0203-CT Datasheet HTML 1Page - Kemet Corporation SE0203-CT Datasheet HTML 2Page - Kemet Corporation SE0203-CT Datasheet HTML 3Page - Kemet Corporation SE0203-CT Datasheet HTML 4Page - Kemet Corporation SE0203-CT Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
SE0203_CT • 8/20/2015
Sensors – CT Series Low Current AC
Dimensions in mm
22.4
10.0 10.0 ± 1
(1.5)
17.5 ± 0.4
10 Maximum
Dummy Terminal
L1
(7.1 Maximum)
20.2
5.5 ± 0.5
2.0
3.75
(7.5)*
L2
CT-05
CT-06
CT-07
Product Name
L1 (±5)
L2 (±2)
CT-06-50
56.0
4.0
CT-06-100
85.0
5.0
Output Characteristics
CT-05, CT-07 AC output characteristics (example)
CT-06 AC output characteristics (example)
500
200
100
0.1 0.2
0.5 0.7
2
3
CT-06-50
Primary current I1 (AT)
70
50
30
20
10
7
5
1
5 7 10
CT-06-100
CT-06-50
CT-06-100
RL=100Ω
RL=10Ω
1
10
100
1000
0.1
1
10
100
Primary Current I1 (AT)
RL=10
RL=100
CT-07-100
CT-07-50 (CT-05)
CT-07-50 (CT-05)
CT-07-100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com