Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN103SC2D Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MN103SC2D
Description  Conversion start synchronized with 3-phase PWM or timer 5 are available
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN103SC2D Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MN103SC2D Datasheet HTML 1Page - Panasonic Semiconductor MN103SC2D Datasheet HTML 2Page - Panasonic Semiconductor MN103SC2D Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAF00020GEM
MN103SC2 Series
Type
MN103SC2A
MN103SC2D
MN103SFC2D
Internal ROM type
Mask ROM
FLASH
ROM (byte)
32K
64K
RAM (byte)
4K
Package (Lead-free)
QFP044-P-1010F
Minimum Instruction
Execution Time
16.7 ns (4.5 V to 5.5 V)
Interrupts
8 external interrupts
20 internal interrupts: Watchdog timer. Timer. Serial I/F. PWM. A/D conversion finish. System error
Timer Counter
8-bit timer × 4
Timer 0 to 3 ...........Interval timer. Event count. Cascading connectable
16-bit timer × 2
Timer 4 ..................Interval timer. Event count. PWM output (6 pins simultaneous output are available). Double buffer
Timer 5 ..................Interval timer. Double buffer. Start synchronized with 3-phase PWM are available
Watchdog timer × 1
Serial interface
UART (full duplex) /Synchronous interfaces selective × 1
Serial 0...................1-bit to 8-bit transmission (synchronous). 2 and 3 channel type selectable (synchronous)
I/O Pins
I/O
29 : Common use × 29
A/D converter
10-bit × 2 unit. Total 8 channels
Simultaneous conversion of 2 series are available. With S/H
Conversion start synchronized with 3-phase PWM or timer 5 are available
Motor Control PWM
16-bit 3-phase PWM × 1
Minimum resolution: 16.7 ns
Triangular waveform or jigsaw waveform. Dead time setup. Double buffer. Output polar switching is available. PWM output pin protect
function
Electrical Charactreistics (A/D converter characteristics)
Parameter
Symbol
Condition
Limit
Unit
min
typ
max
Non-linear error
10-bit
±
3
LSB
A/D conversion time
TAD
1.0
µs
Analog input voltage
VIA
VSS
VDD
V
Ta = 25 °C. VDD = 5.0 V. VSS = 0 V


Similar Part No. - MN103SC2D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN103SC6 PANASONIC-MN103SC6 Datasheet
330Kb / 3P
Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
More results

Similar Description - MN103SC2D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1810 TI-UCC1810 Datasheet
469Kb / 8P
Dual Channel Synchronized Current Mode PWM
logo
Semtech Corporation
SC2646B SEMTECH-SC2646B Datasheet
168Kb / 9P
2, 3 or 4 Phase Combi-Sense PWM Controller
logo
Texas Instruments
UCC2810 TI-UCC2810 Datasheet
518Kb / 14P
DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
logo
Semtech Corporation
SC2646B SEMTECH-SC2646B_1 Datasheet
113Kb / 9P
2, 3 or 4 Phase Combi-SenseTM PWM Controller
SX8124 SEMTECH-SX8124 Datasheet
271Kb / 23P
24 hours timer synchronized on 50/60Hz mains
logo
Panasonic Semiconductor
MN103SE3 PANASONIC-MN103SE3 Datasheet
331Kb / 3P
Conversion start synchronized with 3-phase PWM or timer 12, 13 are available
MN103SE4 PANASONIC-MN103SE4 Datasheet
329Kb / 3P
Conversion start synchronized with 3-phase PWM or timer 12, 13 are available
MN103SG5 PANASONIC-MN103SG5 Datasheet
342Kb / 3P
65 internal interrupts: Watchdog timer. Timer. Serial I/F. PWM. A/D conversion finish
logo
ELMOS Semiconductor AG
E523.40 ELMOS-E523.40 Datasheet
689Kb / 15P
3-PHASE STEPPER OR BLDC MOTOR CONTROLLER WITH LIN 2.x or PWM
logo
Silicon Laboratories
SI1015-A SILABS-SI1015-A Datasheet
987Kb / 2P
External conversion start input option
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com