Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM14IO Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # TM14IO
Description  32-bit Single-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM14IO Datasheet(HTML) 2 Page - Panasonic Semiconductor

  TM14IO Datasheet HTML 1Page - Panasonic Semiconductor TM14IO Datasheet HTML 2Page - Panasonic Semiconductor TM14IO Datasheet HTML 3Page - Panasonic Semiconductor TM14IO Datasheet HTML 4Page - Panasonic Semiconductor TM14IO Datasheet HTML 5Page - Panasonic Semiconductor TM14IO Datasheet HTML 6Page - Panasonic Semiconductor TM14IO Datasheet HTML 7Page - Panasonic Semiconductor TM14IO Datasheet HTML 8Page - Panasonic Semiconductor TM14IO Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
2
PubNo. 232M9-010E
1.2
Hardware Functions
CPU Core
MN103S core
4 GB of linear address space (for instructions / data)
LOAD/STORE architecture with 5-stage pipeline
46 basic instructions + 4 extension instructions
6 addressing modes
Instruction set of 1 byte in word length
Machine cycle: 16.7 ns (oscillation frequency: 10 MHz, 6 multiply)
Operation mode: Normal mode
Oscillation Circuit
External high-speed oscillation (crystal/ ceramic)
Clock Multiplication Circuit
External high-speed oscillation is multiplied by 4, 6 and 8.
Operating voltage
3.6 V to 5.5 V
Guaranteed operating temperature
-40
°C to 85 °C
Internal Memory
ROM 256 Kbytes
RAM 8 Kbytes
Interrupts
Non-maskable interrupt:
Watchdog timer overflow interrupts, System error interrupts
Internal interrupts:
47 interrupts
<Timer Interrupts>
Timer 0 underflow interrupts
Timer 1 underflow interrupts
Timer 2 underflow interrupts
Timer 3 underflow interrupts
Timer 4 underflow interrupts
Timer 5 underflow interrupts
Timer 6 underflow interrupts
Timer 7 underflow interrupts
Timer 8 overflow/underflow interrupts
Timer 8 compare/capture A interrupts
Timer 8 compare/capture B interrupts
Timer 9 overflow/underflow interrupts
Timer 9 compare/capture A interrupts
Timer 9 compare/capture B interrupts
Timer 10 overflow/underflow interrupts
Timer 10 compare/capture A interrupts
Timer 10 compare/capture B interrupts
Timer 11 overflow/underflow interrupts
Timer 11 compare/capture A interrupts
Timer 11 compare/capture B interrupts
Timer 12 overflow/underflow interrupts
Timer 12 compare/capture A interrupts
Timer 12 compare/capture B interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com