Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM17IO Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # TM17IO
Description  32-bit Single-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM17IO Datasheet(HTML) 5 Page - Panasonic Semiconductor

  TM17IO Datasheet HTML 1Page - Panasonic Semiconductor TM17IO Datasheet HTML 2Page - Panasonic Semiconductor TM17IO Datasheet HTML 3Page - Panasonic Semiconductor TM17IO Datasheet HTML 4Page - Panasonic Semiconductor TM17IO Datasheet HTML 5Page - Panasonic Semiconductor TM17IO Datasheet HTML 6Page - Panasonic Semiconductor TM17IO Datasheet HTML 7Page - Panasonic Semiconductor TM17IO Datasheet HTML 8Page - Panasonic Semiconductor TM17IO Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
5
PubNo. 232M9-010E
- Interval timer, trigger start 3-phase PWM, AD conversion start
- Count clock source
MCLK, MCLK/8, IOCLK, IOCLK/8, Timer 6 underflow, Timer 7 underflow
Timer 13 (16-bit timer for general use)
- Interval timer, trigger start 3-phase PWM, AD conversion start
- Count clock source
MCLK, MCLK/8, IOCLK, IOCLK/8, Timer 6 underflow, Timer 7 underflow
Timer 14 (8-bit timer for general use)
- Interval timer, Timer pulse output, Event count, Baud rate timer
- Count clock source
IOCLK, IOCLK/8, IOCLK/32, IOCLK/128, Timer 15 underflow, Timer 16 underflow,
TM14IO pin input
Timer 15 (8-bit timer for general use)
- Interval timer, Baud rate timer, Cascade connection function
- Count clock source
IOCLK, IOCLK/8, IOCLK/32, Timer 14 underflow, Timer 16 underflow
Timer 16 (8-bit timer for general use)
- Interval timer, Timer pulse output, Event count, Baud rate timer,
Cascade connection function
- Count clock source
IOCLK, IOCLK/8, IOCLK/32, IOCLK/128, Timer 14 underflow, Timer 15 underflow,
TM16IO pin input
Timer 17 (8-bit timer for general use)
- Interval timer, Timer pulse output, Event count, Cascade connection function
- Count clock source
IOCLK, IOCLK/8, IOCLK/32, TM17IO pin input,
Timer 14 underflow, Timer 15 underflow, Timer 16 underflow
Watchdog Timer
Detection time
6.55 ms to 1677.72 ms (oscillation frequency 10 MHz )
Generates non-maskable interrupts at detection
Generates hard-reset at second consecutive overflow
A /D Converter
A/D0
- Resolution
10 bits
- Minimum conversion time
1.0
μsec
- Channels
8 channels (ADIN00 to ADIN05, ADIN18, ADIN19)
- Use of 3 converters allows simultaneous sampling of 3 phases
- A/D conversion start trigger is in synchronization with complementary 3-phase PWM
cycle and 16-bit timer
A/D1
- Resolution
10 bits
- Minimum conversion time
1.0
μsec
- Channels
8 channels (ADIN02 to ADIN09)
- Use of 3 converters allows simultaneous sampling of 3 phases
- A/D conversion start trigger is in synchronization with complementary 3-phase PWM
cycle and 16-bit timer
A/D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com