Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z80C3010VSC Datasheet(PDF) 53 Page - Zilog, Inc.

Part # Z80C3010VSC
Description  CMOS SCC SERIAL COMMUNICATIONS CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C3010VSC Datasheet(HTML) 53 Page - Zilog, Inc.

Back Button Z80C3010VSC Datasheet HTML 49Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 50Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 51Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 52Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 53Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 54Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 55Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 56Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 57Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
=&=& &026 6&&
6HULDO &RPPXQLFDWLRQV &RQWUROOHU
)XQFWLRQDO 'HVFULSWLRQ
36

)LJXUH  :ULWH5HJLVWHU%LW)XQFWLRQV
0
0
0
0
1
1
1
1
D7 D6 D5 D4 D3 D2 D1 D0
Write Register 9
No Reset
Channel Reset B
Channel Reset A
Force Hardware Reset
VIS
NV
DLC
MIE
Status High/Status Low
Software INTACK Enable
D7 D6 D5 D4 D3 D2 D1 D0
Write Register 9
0
0
0
0
1
1
1
1
NRZ
NRZI
FM1 (Transition = 1)
FM1 (Transition = 0)
CRC Preset I/O
Go Active on Poll
Mark/Flag Idle
Abort/Flag on Underrun
Loop Mode
6-Bit/8-Bit Sync
D7 D6 D5 D4 D3 D2 D1 D0
Write Register 11
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
TRxC Out = Xtal Output
TRxC Out = Transmit Clock
TRxC Out = BR Generator Output
TRxC Out = DPLL Output
TRxC O/I
Transmit Clock = RTxC Pin
Transmit Clock = TRxC Pin
Transmit Clock = BR Generator Output
Transmit Clock = DPLL Output
Receive Clock = RTxC Pin
Receive Clock = TRxC Pin
Receive Clock = BR Generator Output
Receive Clock = DPLL Output
RTxC Xtal/No Xtal
D7 D6 D5 D4 D3 D2 D1 D0
Write Register 9
TC0
TC1
TC2
TC3
TC4
TC5
TC6
TC7
Lower Byte of
Time Constant
Upper Byte of
Time Constant
D7 D6 D5 D4 D3 D2 D1 D0
Write Register 13
TC8
TC9
TC10
TC11
TC12
TC13
TC14
TC15
D7 D6 D5 D4 D3 D2 D1 D0
Write Register 14
BR Generator Enable
BR Generator Source
DTR/Request Function
Auto Echo
Local Loopback
0
0
0
0
0
1
1
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
Null Command
Enter Search Mode
Reset Missing Clock
Disable DPLL
Set Source = BR Generator
Set Source = RTxC
Set FM Mode
Set NRZI Mode
D7 D6 D5 D4 D3 D2 D1 D0
Write Register 15
0
Zero Count IE
SDLC FIFO Enable
DCD IE
Sync/Hunt IE
CTS IE
Tx Underrun/EOM IE
Break/Abort IE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com