Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8602 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z8602
Description  KEYBOARD CONTROLLER (KBC?? NMOS Z8 8-BIT MCU
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8602 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z8602 Datasheet HTML 1Page - Zilog, Inc. Z8602 Datasheet HTML 2Page - Zilog, Inc. Z8602 Datasheet HTML 3Page - Zilog, Inc. Z8602 Datasheet HTML 4Page - Zilog, Inc. Z8602 Datasheet HTML 5Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Z8602
CPS DC-4087-02
STANDARD TEST CONDITIONS
Standard Test Conditions. The characteristics listed here
apply for standard test conditions as noted. All voltages are
referenced to GND. Positive current flows into the referenced pin
(Test Load Configuration).
+5V
From Output
Under Test
9.1 k
Ω
2.1 k
Ω
Test Load Configuration
ABSOLUTE MAXIMUM RATINGS
Symbol Description
Min
Max
Units
V
CC
Supply Voltage(*)
–0.3
+7.0
V
T
STG
Storage Temp
–65
° +150°
C
T
A
Oper. Ambient Temp.
†
†
Notes:
(*) Voltage on all pins with respect to GND.
†
See ordering information
Stress greater than those listed under Absolute Maximum Rat-
ings may cause permanent damage to the device. This is a stress
rating only; operation of the device at any condition above those
indicated in the operational sections of these specifications is not
implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com