Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C72 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z86C72
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C72 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z86C72 Datasheet HTML 17Page - Zilog, Inc. Z86C72 Datasheet HTML 18Page - Zilog, Inc. Z86C72 Datasheet HTML 19Page - Zilog, Inc. Z86C72 Datasheet HTML 20Page - Zilog, Inc. Z86C72 Datasheet HTML 21Page - Zilog, Inc. Z86C72 Datasheet HTML 22Page - Zilog, Inc. Z86C72 Datasheet HTML 23Page - Zilog, Inc. Z86C72 Datasheet HTML 24Page - Zilog, Inc. Z86C72 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
Z86C72/C92/L72/L92
Zilog
IR Microcontroller
DS97LVO0900
P R E L I M I N A R Y
6-21
1
AC CHARACTERISTICS(Z86C72/C92 SPECIFICATIONS)
Preliminary
Handshake Timing Table
TA = 0°C to +70°C
16.0 MHz
No
Symbol
Parameter
VCC
Min
Max
Data Direction
1
TSD(DAV)
Data in Setup Time
4.5V
5.5V
0
0
IN
IN
2
ThD(DAV)
Data in Hold Time
4.5V
5.5V
160
115
IN
IN
3
TwDAV
Data Available Width
4.5V
5.5V
155
110
IN
IN
4
TdDAVI(RDY)
DAV Falling to RDY
Falling Delay
4.5V
5.5V
160
115
IN
IN
5
TdDAVId(RDY)
DAV Rising to RDY
Falling Delay
4.5V
5.5V
120
80
IN
IN
6
TdRDY)(DAV)
RDY Rising to DAV
Falling Delay
4.5V
5.5V
0
0
IN
IN
7
TdD0(DAV)
Data Out to DAV
Falling Delay
4.5V
5.5V
31
31
OUT
OUT
8
TdDAV0(RDY)
DAV Falling to RDY
Falling Delay
4.5V
5.5V
0
0
OUT
OUT
9
TdRDY0(DAV)
RDY Falling to DAV
4.5V
5.5V
160
115
OUT
OUT
10
TwRDY
RDY Width
4.5V
5.5V
110
80
OUT
OUT
11
TdRDY0d(DAV)
RDY Rising to DAV
Falling Dealy
4.5V
5.5V
110
80
OUT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com