Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C83 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z86C83
Description  Z8 MCU MICROCONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C83 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z86C83 Datasheet HTML 9Page - Zilog, Inc. Z86C83 Datasheet HTML 10Page - Zilog, Inc. Z86C83 Datasheet HTML 11Page - Zilog, Inc. Z86C83 Datasheet HTML 12Page - Zilog, Inc. Z86C83 Datasheet HTML 13Page - Zilog, Inc. Z86C83 Datasheet HTML 14Page - Zilog, Inc. Z86C83 Datasheet HTML 15Page - Zilog, Inc. Z86C83 Datasheet HTML 16Page - Zilog, Inc. Z86C83 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Z86C83/C84
Z8
® MCU Microcontrollers
13
DS96DZ80203
AC ELECTRICAL CHARACTERISTICS (Continued)
Handshake Timing Table
No
Symbol
Parameter
V
CC
Note1,2
T
A = 0°C to +70°CTA = –40°C to +105°C
Data
Direction
12 MHz
16 MHz
12 MHz
16 MHz
Min Max Min Max Min Max Min Max
1
TsDI(DAV)
Data In Setup Time
3.0V
0
0
0
0
IN
5.5V
0
0
0
0
IN
2
ThDI(DAV)
Data In Hold Time
3.0V
160
160
160
160
IN
5.5V
115
115
115
115
IN
3
TwDAV
Data Available Width
3.0V
155
155
155
155
IN
5.5V
110
110
110
110
IN
4
TdDAVI(RDY)
DAV Fall to RDY Fall Delay
3.0V
160
160
160
160
IN
5.5V
115
115
115
115
IN
5
TdDAVId(RDY)
DAV Rise to RDY Rise Delay
3.0V
120
120
120
120
IN
5.5V
80
80
80
80
IN
6
TdRDY0(DAV)
RDY Rise to DAV Fall Delay
3.0V
0
0
0
0
IN
5.5V
0
0
0
0
IN
7
TdD0(DAV)
Data Out to DAV Fall Delay
3.0V
42
31
42
31
OUT
5.5V
42
31
42
31
OUT
8
TdDAV0(RDY)
DAV Fall to RDY Fall Delay
3.0V
0
0
0
0
OUT
5.5V
0
0
0
0
OUT
9
TdRDY0(DAV)
RDY Fall to DAV Rise Delay
3.0V
160
160
160
160
OUT
5.5V
115
115
115
115
OUT
10 TwRDY
RDY Width
3.0V
110
110
110
110
OUT
5.5V
80
80
80
80
OUT
11 TdRDY0d(DAV) RDY Rise to DAV Fall Delay
3.0V
110
110
110
110
OUT
5.5V
80
80
80
80
OUT
Notes:
1. Timing Reference uses 0.7 V
CC for a logic 1 and 0.2 VCC for a logic 0.
2. The V
CC voltage specification of 3.0V guarantees 3.3V ±0.3V and the VCC voltage specification of 5.5V guarantees 5.0V ±0.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com