Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C8316SSC Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z86C8316SSC
Description  Z8 MCU MICROCONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C8316SSC Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z86C8316SSC Datasheet HTML 17Page - Zilog, Inc. Z86C8316SSC Datasheet HTML 18Page - Zilog, Inc. Z86C8316SSC Datasheet HTML 19Page - Zilog, Inc. Z86C8316SSC Datasheet HTML 20Page - Zilog, Inc. Z86C8316SSC Datasheet HTML 21Page - Zilog, Inc. Z86C8316SSC Datasheet HTML 22Page - Zilog, Inc. Z86C8316SSC Datasheet HTML 23Page - Zilog, Inc. Z86C8316SSC Datasheet HTML 24Page - Zilog, Inc. Z86C8316SSC Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Z86C83/C84
Z8
® MCU Microcontrollers
21
DS96DZ80203
PIN FUNCTIONS (Continued)
Port Configuration Register (PCON). The PCON con-
figures the ports individually for comparator output on Port
3. The PCON Register is located in the Expanded Register
File at Bank F, location 00 (Figure 13).
Bit 0 multiplexes comparator AN1 Output at P34. A "1"
in
this location brings the comparator output to P34
(Figure 14), and a "0" puts P34 into its standard I/O
configuration.
Note: Only comparator output AN1 is multiplexed to a
Port 3 output. Comparator AN2 output is not connected to
any pins. Note that the PCON Register is reset upon the
occurrence of a WDT RESET (not in Stop Mode), and
Power-On Reset (POR).
Figure 13. Port Configuration Register (PCON) (Write-Only)
Figure 14. Port 3 P34 Output Configuration
D7
D6
D5
D4
D3
D2
D1
D0
Comparator
Output Port 3
0 P34 Standard Output
*
1 P34 Comparator Output
Reserved (Must be 1.)
PCON (F) 00
* Default setting from Stop-Mode Recovery,
Power-On Reset, and any WDT Reset.
0 Port 0 Open-Drain
1 Port 0 Push-Pull*
Reserved (Must be 1.)
P34 OUT
P31
+
-
REF (P33)
P34
PAD
PCON
D0
* Reset Condition
Normal
0 P34 Standard Output
1 P34 Comparator Output
*
AN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com