Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS10100EMFST1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTS10100EMFST1G
Description  Very Low Leakage Trench-based Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS10100EMFST1G Datasheet(HTML) 2 Page - ON Semiconductor

  NTS10100EMFST1G Datasheet HTML 1Page - ON Semiconductor NTS10100EMFST1G Datasheet HTML 2Page - ON Semiconductor NTS10100EMFST1G Datasheet HTML 3Page - ON Semiconductor NTS10100EMFST1G Datasheet HTML 4Page - ON Semiconductor NTS10100EMFST1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTS10100EMFS, NRVTS10100EMFS
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(Rated VR, TC = 165°C)
IF(AV)
10
A
Peak Repetitive Forward Current,
(Rated VR, Square Wave, 20 kHz, TC = 163°C)
IFRM
20
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
200
A
Storage Temperature Range
Tstg
−65 to +175
°C
Operating Junction Temperature
TJ
−55 to +175
°C
Unclamped Inductive Switching Energy (10 mH Inductor, Non−repetitive)
EAS
100
mJ
ESD Rating (Human Body Model)
3B
ESD Rating (Machine Model)
M4
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance, Junction−to−Case, Steady State
(Assumes 600 mm2 1 oz. copper bond pad, on a FR4 board)
RθJC
2.0
−
°C/W
ELECTRICAL CHARACTERISTICS
Instantaneous Forward Voltage (Note 1)
(iF = 5 A, TJ = 25°C)
(iF = 10 A, TJ = 25°C)
(iF = 5 A, TJ = 125°C)
(iF = 10 A, TJ = 125°C)
vF
0.540
0.650
0.500
0.570
−
0.720
−
0.610
V
Instantaneous Reverse Current (Note 1)
(VR = 70 V, TJ = 25°C)
(Rated dc Voltage, TJ = 25°C)
(VR = 70 V, TJ = 125°C)
(Rated dc Voltage, TJ = 125°C)
iR
1.4
5.0
1.6
3.8
−
50
−
15
mA
mA
mA
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com