Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C8316VSC Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z86C8316VSC
Description  Z8 MCU MICROCONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C8316VSC Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z86C8316VSC Datasheet HTML 35Page - Zilog, Inc. Z86C8316VSC Datasheet HTML 36Page - Zilog, Inc. Z86C8316VSC Datasheet HTML 37Page - Zilog, Inc. Z86C8316VSC Datasheet HTML 38Page - Zilog, Inc. Z86C8316VSC Datasheet HTML 39Page - Zilog, Inc. Z86C8316VSC Datasheet HTML 40Page - Zilog, Inc. Z86C8316VSC Datasheet HTML 41Page - Zilog, Inc. Z86C8316VSC Datasheet HTML 42Page - Zilog, Inc. Z86C8316VSC Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Z86C83/C84
Z8
® MCU Microcontrollers
DS96DZ80203
39
1
EXPANDED REGISTER FILE CONTROL REGISTERS (0C)
Figure 40. ADC Control Register 0 (Read/Write)
Figure 41. ADC Control Register 1 (Read/Write)
Figure 42. AD Result Register (Read Only)
D7 D6
D5
D4
D3
D2
D1
D0
ADC0 (OC) 8H
Scan 0 = No action.*
1 = Convert channel then stop.
A
IN/Input/Output Control
0 = No Action (Digital Function)*
1 = Enable Selected Channel
(M
2, M1, M0) as analog input on
associated Port P27-P20
Channel Select (bits 2,1,0)
CSEL2
0
0
0
0
1
1
1
1
CSEL1
0
0
1
1
0
0
1
1
CSEL0
0
1
0
1
0
1
0
1
Channel
0*
1
2
3
4
5
6
7
* Default setting after reset.
Must be 0 0 1
D7
D6
D5
D4
D3
D2
D1
D0
ADC1 Bank C, Register 9
ADE
0 Disable*
1 Enable
Must be 0.
D5 D4
0
0
50 % AGND Offset
1
0
35% AGND Offset
0
1
Reserved
1
1
No Offset
Reserved (Must be 1.)
D7 D6
D5
D4
D3
D2
D1
D0
ADR1 (OC) AH
Data
Figure 43. D/A 1 Control Register
Figure 44. D/A 2 Control Register
Figure 45. D/A 1 Data Register
Figure 46. D/A 2 Data Register
D7
D6
D5
D4
D3
D2
D1
D0
DAC1 Gain
0 0 1 X
0 1 1/2 X
1 0 1 Not Used
1 1 1/4 X
DACR1 Bank C, Register 4
DAC1 Enable
0 Disable
1 Enable
Reserved (Must be 0)
D7
D6
D5
D4
D3
D2
D1
D0
DAC2 Gain
0 0 1 X
0 1 1/2 X
1 0 1 Not Used
1 1 1/4 X
DACR2 Bank C, Register 5
DAC2 Enable
0 Disable
1 Enable
Reserved (Must be 0)
D7
D6
D5
D4
D3
D2
D1
D0
DAC1 Bank C, Register 6
0 = Low Level
1 = High Level
D7
D6
D5
D4
D3
D2
D1
D0
DAC2 Bank C, Register 7
0 = Low Level
1 = High Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com