Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS10120EMFST3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTS10120EMFST3G
Description  Very Low Leakage Trench-based Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS10120EMFST3G Datasheet(HTML) 3 Page - ON Semiconductor

  NTS10120EMFST3G Datasheet HTML 1Page - ON Semiconductor NTS10120EMFST3G Datasheet HTML 2Page - ON Semiconductor NTS10120EMFST3G Datasheet HTML 3Page - ON Semiconductor NTS10120EMFST3G Datasheet HTML 4Page - ON Semiconductor NTS10120EMFST3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTS10120EMFS, NRVTS10120EMFS
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.9
0.7
0.4
0.3
0.2
0.1
0
0.1
1
10
100
0.7
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
100
90
70
50
40
30
10
0
1.E−07
100
80
70
60
50
20
10
0
1.E−07
Figure 5. Typical Junction Capacitance
Figure 6. Current Derating
VR, REVERSE VOLTAGE (V)
TC, CASE TEMPERATURE (°C)
100
10
1
0.1
10
100
1000
10,000
140
130
120
170
110
0
5
10
15
20
25
0.5 0.6
0.8
0.6
0.9
0.8
20
60
80
110 120
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
30
40
90
120
110
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
TA = 125°C
TA = 150°C
TA = −55°C
TA = 25°C
TA = 125°C
TA = 150°C
TA = −55°C
TA = 25°C
TA = 125°C
TA = 150°C
TA = 25°C
TA = 125°C
TA = 150°C
TA = 25°C
TJ = 25°C
Square Wave
DC
RqJC = 1.8°C/W
TA = 175°C
TA = 175°C
TA = 175°C
1.E−06
TA = 175°C
1.E−05
1.E−06
150
160
1.0 1.1 1.2 1.3
1.0 1.1 1.2 1.3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com