Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS12100MFS Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTS12100MFS
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS12100MFS Datasheet(HTML) 3 Page - ON Semiconductor

  NTS12100MFS Datasheet HTML 1Page - ON Semiconductor NTS12100MFS Datasheet HTML 2Page - ON Semiconductor NTS12100MFS Datasheet HTML 3Page - ON Semiconductor NTS12100MFS Datasheet HTML 4Page - ON Semiconductor NTS12100MFS Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTS12100MFS, NRVTS12100MFS
http://onsemi.com
3
TYPICAL CHARACTERISTICS
0
5
10
15
20
25
80
90
100
110
120
130
140
150
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
90
70
60
50
40
30
10
0
Figure 5. Typical Junction Capacitance
Figure 6. Current Derating TO−220AB
VR, REVERSE VOLTAGE (V)
TC, CASE TEMPERATURE (°C)
TA = 125°C
TA = 150°C
TA = 25°C
TA = 125°C
TA = 150°C
TA = 125°C
TA = 150°C
TA = 25°C
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
20
80
100
TA = 125°C
TA = 150°C
TA = 25°C
TJ = 25°C
RqJC = 2.0 °C/W
Square Wave
DC
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TA = −55°C
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9 1.0
TA = 25°C
TA = −55°C
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
0
102030405060708090
100
100
1k
10k
0.1
1
10
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com