Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C9524ASC Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z86C9524ASC
Description  CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C9524ASC Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z86C9524ASC Datasheet HTML 5Page - Zilog, Inc. Z86C9524ASC Datasheet HTML 6Page - Zilog, Inc. Z86C9524ASC Datasheet HTML 7Page - Zilog, Inc. Z86C9524ASC Datasheet HTML 8Page - Zilog, Inc. Z86C9524ASC Datasheet HTML 9Page - Zilog, Inc. Z86C9524ASC Datasheet HTML 10Page - Zilog, Inc. Z86C9524ASC Datasheet HTML 11Page - Zilog, Inc. Z86C9524ASC Datasheet HTML 12Page - Zilog, Inc. Z86C9524ASC Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Z86C95 DSP
CPS DC-4067-13
DC ELECTRICAL CHARACTERISTICS
V
CC = 5.0V ± 10%
T
A = 0°C to +70°C
Typical
Sym
Parameter
Min
Max
at 25
°C
Units
Conditions
Max Input Voltage
7
V
I
IN 250 µA
V
CH
Clock Input High Voltage
3.8
V
CC
V
Driven by External Clock Generator
V
CL
Clock Input Low Voltage
–0.03
0.8
V
Driven by External Clock Generator
V
IH
Input High Voltage
2.0
V
CC
V
V
IL
Input Low Voltage
–0.3
0.8
V
V
OH
Output High Voltge
2.4
V
I
OH = –2.0 mA
V
OH
Output High Voltge
V
CC – 100mV
V
I
OH = –100 µA
V
OL
Output Low Voltage
0.4
V
I
OH = +2.0 mA
V
RH
Reset Input High Voltage
3.8
V
CC
V
V
Rl
Reset Input Low Voltage
–0.03
0.8
V
I
IL
Input Leakage
–2
2
µA
Test at 0V, V
CC
I
OL
Output Leakage
–2
2
µA
Test at 0V, V
CC
I
IR
Reset Input Current
–180
µAV
RL = 0V
I
CC
Supply Current
82
50
mA
@ 24 MHz [1]
120
70
mA
@ 33 MHz [1]
150
85
mA
@ 40 MHz [1], [2]
I
CC1
HALT
20
13
mA
HALT Mode V
IN=OV, VCC @ 24 MHz [1]
30
20
mA
HALT Mode V
IN=OV, VCC @ 33 MHz [1]
45
30
mA
HALT Mode V
IN=OV, VCC @ 40 MHz [1], [2]
I
CC2
STOP and Pause Mode
20
6
µA
STOP Mode V
IN=OV, VCC [1]
I
ALL
Auto Latch Low Current
–20
20
5
µA
Note:
[1] All inputs driven to 0V, V
CC and outputs floating.
[2] Preliminary values, to be characterized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com