Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-HM76 Datasheet(PDF) 2 Page - AAEON Technology

Part # COM-HM76
Description  gigabit ethernet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-HM76 Datasheet(HTML) 2 Page - AAEON Technology

  COM-HM76 Datasheet HTML 1Page - AAEON Technology COM-HM76 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06-6
www.aaeon.com
Note: All specifications are subject to change without notice.
Unit: mm
Block Diagram
Dimension
Unit: mm
COM-HM76
Ordering Information
Part Number
COM Express Type
CPU
Memory
Display
LVDS
Storage
LAN
USB
URAT
Expansion Slot Power
Temp
COM-HM76-C11
6 (COM.0 Rev. 2.1)
Socket G2 for 2nd & 3rd Generation Intel®
Core™ i7/ i5/ i3/Celeron® Processor
DDR3L SODIMM x 1
Max. 8 GB
LVDS, VGA, DDI x 2
18/24b, 2CH
SATA x 4
GbE x 1
USB3.0 x 4
USB2.0 x 8
2 (Tx/Rx)
PCI-E [16] x 1,
PCI-E [1] x 7
12V
0°C ~ 60°C
DDR3 SO-DIMM
Channel A
USB 2.0 * 8
PCIe
USB 3.0 * 4
PEG[x 16]
TYPE 6
RGB
ITE
IT8518
GPIO
SMBus
SPI
LPC
COM Port * 2
PCIe[x1] * 7
Intel
GbE Ethernet
WG82579LM
GBE
DDI2
3th Generation
Intel® Core
i3/i5/i7
Processors
HD Audio
SATA * 4
18/24bit LVDS 2CH
DDI1
Intel®
PCH/HM76
I2C
BIOS
SPI



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com