Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C7216VSC Datasheet(PDF) 18 Page - Zilog, Inc.

Part # Z86C7216VSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C7216VSC Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button Z86C7216VSC Datasheet HTML 14Page - Zilog, Inc. Z86C7216VSC Datasheet HTML 15Page - Zilog, Inc. Z86C7216VSC Datasheet HTML 16Page - Zilog, Inc. Z86C7216VSC Datasheet HTML 17Page - Zilog, Inc. Z86C7216VSC Datasheet HTML 18Page - Zilog, Inc. Z86C7216VSC Datasheet HTML 19Page - Zilog, Inc. Z86C7216VSC Datasheet HTML 20Page - Zilog, Inc. Z86C7216VSC Datasheet HTML 21Page - Zilog, Inc. Z86C7216VSC Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
Z86C72/C92/L72/L92
IR Microcontroller
Zilog
6-18
P R E L I M I N A R Y
DS97LVO0900
AC CHARACTERISTICS(Z86C72/C92 SPECIFICATIONS)
Preliminary
Additional Timing Table
TA = 0°C to +70°C
16.0 MHz
No
Symbol
Parameter
VCC
Min
Max
Units
Notes
1
TpC
Input Clock Period
4.5V
5.5V
63
63
DC
DC
ns
ns
1
1
2
TrC, TfC
Clock Input Rise and
Fall Times
4.5V
5.5V
15
15
ns
ns
1
1
3
TwC
Input Clock Width
4.5V
5.5V
31
31
ns
ns
1
1
4
TwTinL
Timer Input Low
Width
4.5V
5.5V
100
70
ns
ns
1
1
5
TwTinH
Timer Input High
Width
4.5V
5.5V
5TpC
5TpC
1
1
6
TpTin
Timer Input Period
4.5V
5.5V
8TpC
8TpC
1
1
7
TrTin, TfTin
Timer Input Rise
4.5V
5.5V
100
100
ns
ns
1
1
8A
TwIL
Interrupt Request
Low Time
4.5V
5.5V
100
70
ns
ns
1,2
1,2
8B
TwIL
Int. Request Low
Time
4.5V
5.5V
5TpC
5TpC
1,3
1,3
9
TwIH
Interrupt Request
Input High Time
4.5V
5.5V
5TpC
5TpC
1,2
1,2
10
Twsm
Stop-Mode
Recovery Width
Spec
4.5V
5.5V
4.5V
12
12
5TpC
5TpC
ns
ns
8
8
7
7
11
Tost
Oscillator Start-up
Time
4.5V
5.5V
5TpC
5TpC
4
4
12
Twdt
Watch-Dog Timer
Delay Time
(2.0 ms)
4.5V
5.5V
2.0
2.0
ms
ms
D0=0, 5
D1=0, 5
4.0 ms
4.5V
5.5V
4.0
4.0
ms
ms
D0=1, 5
D1=0, 8
8.0 ms
4.5V
5.5V
8.0
8.0
ms
ms
D0=1, 5
D1=0, 8
32 ms
4.5V
5.5V
32
32
ms
ms
D0=1, 5
D1=0, 8
Notes:
1. Timing Reference uses 0.9 VCC for a logic 1 and 0.1 VCC for a logic 0.
2. Interrupt request through Port 3 (P33-P31).
3. Interrupt request through Port 3 (P30).
4. SMR bit D5 = 0
5. Reg. WDTMR bit D0=1
6. Reg. SMR bit D5 = 0
7. Reg. SMR bit D5 = 1
8. Reg. WDTMR bit D1-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com