Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C9012VSC Datasheet(PDF) 12 Page - Zilog, Inc.

Part # Z86C9012VSC
Description  ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C9012VSC Datasheet(HTML) 12 Page - Zilog, Inc.

Back Button Z86C9012VSC Datasheet HTML 6Page - Zilog, Inc. Z86C9012VSC Datasheet HTML 7Page - Zilog, Inc. Z86C9012VSC Datasheet HTML 8Page - Zilog, Inc. Z86C9012VSC Datasheet HTML 9Page - Zilog, Inc. Z86C9012VSC Datasheet HTML 10Page - Zilog, Inc. Z86C9012VSC Datasheet HTML 11Page - Zilog, Inc. Z86C9012VSC Datasheet HTML 12Page - Zilog, Inc. Z86C9012VSC Datasheet HTML 13Page - Zilog, Inc. Z86C9012VSC Datasheet HTML 14Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
AC CHARACTERISTICS
Additional Timing Table (Continued)
No
Symbol
Parameter
V
CC
T
A = 0°C to 70°CTA = -40°C to 105°C
Units
Notes
Note[6]
8 MHz
12 MHz
8 MHz
12 MHz
Min Max
Min Max
Min Max
Min Max
11
Tost
Oscillator
3.3V
5TpC
5TpC
5TpC
5TpC
[4]
Startup Time
5.0V
5TpC
5TpC
5TpC
5TpC
[4]
12
Twdt
Watchdog Timer
3.3V
10
10
10
10
ms
D0 = 0
[5]
Delay Time
5.0V
5555
ms
D1 = 0
[5]
3.3V
30
30
30
30
ms
D0 = 1
[5]
5.0V
15
15
15
15
ms
D1 = 0
[5]
3.3V
50
50
50
50
ms
D0 = 0
[5]
5.0V
25
25
25
25
ms
D1 = 1
[5]
3.3V
200
200
200
200
ms
D0 = 1
[5]
5.0V
100
100
100
100
ms
D1 = 1
[5]
Notes:
[1]
Timing Reference uses 0.9 V
CC for a logic 1 and 0.1 VCC for a logic 0.
[2]
Interrupt request via Port 3 (P31-P33).
[3]
Interrupt request via Port 3 (P30).
[4]
SMR-D5 = 0
[5]
Reg. WDTMR
[6]
5.0V
±0.5V, 3.3V ±0.3V
[7]
Reg. SMR - D5=0
[8]
Reg. SMR - D5=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com