Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICO-BT01 Datasheet(PDF) 2 Page - AAEON Technology

Part # PICO-BT01
Description  gigabit ethernet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PICO-BT01 Datasheet(HTML) 2 Page - AAEON Technology

  PICO-BT01 Datasheet HTML 1Page - AAEON Technology PICO-BT01 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
05-2
www.aaeon.com
Note: All specifications are subject to change without notice.
Block Diagram
Dimension
Unit: mm
PICO-BT01
Ordering Information
Part Number
CPU
RAM
Fan/Fanless
Display
LVDS
Storage
LAN
USB
RS-232 RS-232/422/485 Expansion Slot
Power
Power Temp
Others
PICO-BT01-A10-0002
Celeron® N2807
(Dual Core)
DDR3L, Max. 4GB
Heat-spreader
DP + LVDS
24b 1CH
SATA 2 x 1,
mSATA/Mini-Card x 1
GbE x 1
USB 3.0 x 1
UBS 2.0 x 2
1
1
Mini-Card x 1, DIO
4-bit
+12V (ATX) 0°C ~ 60°C
Line-out
PICO-BT01-A10-0003
Atom™ E3845
(Quad Core)
DDR3L, Max. 8 GB
Heat-spreader
CRT+ LVDS
24b 1CH
SATA 2 x 1,
mSATA/Mini-Card x 1
GbE x 1
USB 3.0 x 1
UBS 2.0 x 2
1
1
Mini-Card x 1, DIO
4-bit
+12V (ATX) 0°C ~ 60°C
Line-out, BIO x 1
PICO-BT01-A10-0004
Atom™ E3825
(Dual Core)
DDR3L, Max. 4 GB
Heat-spreader
DP + LVDS
24b 1CH
SATA 2 x 1,
mSATA/Mini-Card x 1
GbE x 1
USB 3.0 x 1
UBS 2.0 x 2
1
1
Mini-Card x 1, DIO
4-bit
+12V (ATX) 0°C ~ 60°C
Line-out
PICO-BT01-A10-0005
Celeron® J1900
(Quad Core)
DDR3L, Max. 8 GB
Heat-spreader
CRT+ LVDS
24b 1CH
SATA 2 x 1,
mSATA/Mini-Card x 1
GbE x 1
USB 3.0 x 1
UBS 2.0 x 2
1
1
Mini-Card x 1, DIO
4-bit
+12V (ATX) 0°C ~ 60°C
Line-out
BIO daughter board for reference
Standard model with heat-sink
DDI Port 1
Channel 0
VGA
SATA II
USB 2.0 *1
RJ-45
USB 3.0/USB2.0 * 1
Display Port
DDI Port 0
SPI
RGB
USB 3.0
SATA
HD Audio
Intel
GbE Ethernet
i211AT
Realtek
Audio Codec
ALC892
Line-out
Intel®
Atom E38xx
series /Celeron
N2807, J1900
DDR3L SO-DIMM
mSATA / MiniCard(Full size)
NXP
eDP to LVDS
PTN3460
18/24-bit
LVDS
USB 2.0
4-port Hub
USB 2.0 * 1
USB 2.0 *2
BIOS
BIO
PCIe[x1]
GbE
Fintek
Super I/O
F81801U-I
COM1 ~ 2
(COM2 supports RS232/422/485)
HW
Monitor
4bit
DIO
LPC
PCIe[x1]* 1/ line-out/ GPIO/ LPC/ SMBUS
SATA II/PCIe[x1]
Mini Card
(Half-Size)
PCIe[x1]
USB 2.0
USB2.0 * 1
USB 2.0
USB 2.0
USB 2.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com