Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICO-IMX6 Datasheet(PDF) 2 Page - AAEON Technology

Part # PICO-IMX6
Description  high definition audio interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PICO-IMX6 Datasheet(HTML) 2 Page - AAEON Technology

  PICO-IMX6 Datasheet HTML 1Page - AAEON Technology PICO-IMX6 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
05-8
www.aaeon.com
Note: All specifications are subject to change without notice.
Block Diagram
Dimension
Unit: mm
PICO-IMX6
Ordering Information
Part Number
Form Factor
CPU
Memory
Display
LVDS
Storage
LAN
USB
UART
Expansion
Power
Temp.
Others
PICO-
IMX6-A10-0001
PICO ITX
Freescale i.MX6 Quad
Automotive Grade
Onboard 1GB
DDR3L
miniHDMI
18b 1Ch
SATA x 1, 4GB onboard eMMC,
Micro SD card
GbE x1
USB2.0 x 4
USB OTG x 1
4-wire x 2
MiniCard slot x 1 12V
0°C ~
60°C
CAN bus x1, GPIO x 8, I2C x 1
PICO-
IMX6-A10-0002
PICO ITX
Freescale i.MX6 Dual Lite
Consumer Grade
Onboard 1GB
DDR3L
miniHDMI
18b 1Ch
Micro SD card
GbE x1
USB2.0 x 1
USB OTG x 1
4-wire x 2
—
12V
0°C ~
60°C
CAN bus x1, GPIO x 8, I2C x 1
Mini HDMI
HDMI 1.4
LVDS x 1
LVDS 18-Bit
Micro SD
Freescale
i.MX6
Quad /
Dual Lite
SDIO
SATA
SATA II
eMMC 4GB
SDIO
8 X GPIO
GPIO
I2C
RTC
UART ( DB9 )
UART
I2C
DDR3 Memory
Down
WM8962B
Audio CODEC
AR8033
LAN Chip
USB Hub
I2S
RGMII
USB
USB 2.0
USB 2.0
USB 2.0
PCIe
USB 2.0 * 2
USB 2.0 * 2 (Type-A)
Mini Card
UART
USB OTG
CAN
I2C
UART / Debug Port
Micro USB
CAN BUS x 1
Giga LAN
Ethernet
10/100/1000
MIC in / SPK out
Audio



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com