Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C7216FSC Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z86C7216FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C7216FSC Datasheet(HTML) 2 Page - Zilog, Inc.

  Z86C7216FSC Datasheet HTML 1Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 2Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 3Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 4Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 5Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 6Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 7Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 8Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
Z86C72/C92/L72/L92
IR Microcontroller
Zilog
6-2
P R E L I M I N A R Y
DS97LVO0900
GENERAL DESCRIPTION (Continued)
access to register mapped peripherals, I/O circuits, and
powerful counter/timer circuitry. The Z86C72/C92/L72/L92
offers a flexible I/O scheme, an efficient register and ad-
dress space structure, and a number of ancillary features
that are useful in many consumer, automotive, computer
peripheral, and battery operated hand-held applications.
Many applications demand powerful I/O capabilities. The
Z86LX2/CX2 family fulfills this with three package options
in which the L72 version provides 31 pins of dedicated in-
put and output. These lines are grouped into four ports.
Each port consists of eight lines (Port 3 has seven lines)
and is configurable under software control to provide tim-
ing, status signals, parallel I/O with or without handshake,
and an address/data bus for interfacing external memory.
There are five basic address spaces available to support a
wide range of configurations: Program Memory, Register
File, Expanded Register File, Extended Data RAM and Ex-
ternal Memory. The register file is composed of 256 bytes
of RAM. It includes four I/O port registers, 16 control and
status registers and the rest are General-Purpose regis-
ters. The Extended Data RAM adds 512 bytes of usable
general-purpose registers. The Expanded Register FIle
consists of two additional register groups (F and D).
To unburden the program from coping with such real-time
problems as generating complex waveforms or receiving
and
demodulating
complex
waveform/pulses,
the
Z86LX2/CX2 family offers a new intelligent counter/timer
architecture with 8-bit and 16-bit counter/timers (Figure 1).
Also included are a large number of user-selectable
modes, and two on-board comparators to process analog
signals with separate reference voltages (Figure 2).
Figure 1. Counter/Timer Block Diagram
HI16
LO16
16-Bit
T16
TC16H
TC16L
HI8
LO8
And/Or
Logic
Clock
Divider
Glitch
Filter
Edge
Detect
Circuit
8-Bit
T8
TC8H
TC8L
8
8
16
8
Input
SCLK
1
2 48
Timer 16
Timer 8/16
Timer 8
8
8
8
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com