Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L33 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z86L33
Description  CMOS Z8 CONSUMER CONTROLLER PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L33 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z86L33 Datasheet HTML 8Page - Zilog, Inc. Z86L33 Datasheet HTML 9Page - Zilog, Inc. Z86L33 Datasheet HTML 10Page - Zilog, Inc. Z86L33 Datasheet HTML 11Page - Zilog, Inc. Z86L33 Datasheet HTML 12Page - Zilog, Inc. Z86L33 Datasheet HTML 13Page - Zilog, Inc. Z86L33 Datasheet HTML 14Page - Zilog, Inc. Z86L33 Datasheet HTML 15Page - Zilog, Inc. Z86L33 Datasheet HTML 16Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Z86L33/L43
CP96LVO1501
AC ELECTRICAL CHARACTERISTICS
Additional Timing Table (SCLK/TCLK = XTAL/2)
T
A = 0°C to +70°C
V
CC
8 MHz
No Symbol
Parameter
Note [6]
Min
Max
Units Notes
1
TpC
Input Clock Period
2.0V
83
DC
ns
[1]
3.9V
83
DC
ns
[1]
2
TrC,TfC
Clock Input Rise & Fall Times
2.0V
15
ns
[1]
3.9V
15
ns
[1]
3
TwC
Input Clock Width
2.0V
41
ns
[1]
3.9V
41
ns
[1]
4
TwTinL
Timer Input Low Width
2.0V
100
ns
[1]
3.9V
70
ns
[1]
5
TwTinH
Timer Input High Width
2.0V
5TpC
[1]
3.9V
5TpC
[1]
6
TpTin
Timer Input Period
2.0V
8TpC
[1]
3.9V
8TpC
[1]
7
TrTin,
Timer Input Rise & Fall Timer
2.0V
100
ns
[1]
TfTin
3.9V
100
ns
[1]
8A TwIL
Int. Request Low Time
2.0V
100
ns
[1,2]
3.9V
70
ns
[1,2]
8B TwIL
Int. Request Low Time
2.0V
5TpC
[1,3]
3.9V
5TpC
[1,3]
9
TwIH
Int. Request Input High Time
2.0V
5TpC
[1,2]
3.9V
5TpC
[1,2]
10 Twsm
STOP Mode Recovery Width Spec 2.0V
12
ns
3.9V
12
ns
11 Tost
Oscillator Startup Time
2.0V
5TpC
[4]
3.9V
5TpC
[4]
D1, D0
12 Twdt
Watch-Dog Timer Delay Time
2.0V
7
ms
0, 0 [5]
(Before Refresh is Necessary)
3.9V
3.5
ms
0, 0 [5]
2.0V
14
ms
0, 1 [5]
3.9V
7
ms
0, 1 [5]
2.0V
28
ms
1, 0 [5]
3.9V
14
ms
1, 0 [5]
2.0V
112
ms
1, 1 [5]
3.9V
56
ms
1, 1 [5]
13 T
POR
Power-On Reset Delay
2.0V
45
ms
3.9V
25
ms
Notes:
[1] Timing Reference uses 0.7 V
CC
for a logic 1 and 0.2 V
CC
for a logic 0.
[2] Interrupt request via Port 3 (P31-P33).
[3] Interrupt request via Port 3 (P30).
[4] SMR-D5 = 0.
[5] Reg. WDTMR.
[6] V
CC
= 2.0V to 3.9V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com