Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z87010 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z87010
Description  Audio Encoder/Decoders
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87010 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z87010 Datasheet HTML 1Page - Zilog, Inc. Z87010 Datasheet HTML 2Page - Zilog, Inc. Z87010 Datasheet HTML 3Page - Zilog, Inc. Z87010 Datasheet HTML 4Page - Zilog, Inc. Z87010 Datasheet HTML 5Page - Zilog, Inc. Z87010 Datasheet HTML 6Page - Zilog, Inc. Z87010 Datasheet HTML 7Page - Zilog, Inc. Z87010 Datasheet HTML 8Page - Zilog, Inc. Z87010 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Z87010/Z87L10
Audio Encoder/Decoders
Zilog
2-2
P R E L I M I N A R Y
DS96WRL0601
GENERAL DESCRIPTION (Continued)
ICs. As configured by the Zilog-provided embedded soft-
ware for digital cordless phones, the Z87010 supports a
low-cost 8-bit
µ-law telephone CODEC. The Z87010 is to
be used with the Z87000 and operates at 16.384 MHz, pro-
viding 16 MIPS of processing power needed for the cord-
less telephone application.
Notes: All signals with a preceding front slash, ‘/’, are
active Low, e.g., B//W (WORD is active Low); /B/W (BYTE
is active Low, only).
Power connections follow conventional descriptions be-
low:
Figure 1. Z87010 Functional Block Diagram
16-Bit
I/O
Interface
/RDYE
ER//W
/EI
EA0-2
EXT 0-15
256 Word
RAM0
256 Word
RAM1
DSP
Core
Wait
State
Generator
13-Bit
Timer
CODEC
Interface
4K Words
Program ROM
RXD
TXD
SCLK
FS0
FS1
UO0-1
UI0-1
/RESET
/INT0-2
Power
VDD
VSS
Dual
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com