Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89175 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z89175
Description  Voice Processing Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89175 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z89175 Datasheet HTML 17Page - Zilog, Inc. Z89175 Datasheet HTML 18Page - Zilog, Inc. Z89175 Datasheet HTML 19Page - Zilog, Inc. Z89175 Datasheet HTML 20Page - Zilog, Inc. Z89175 Datasheet HTML 21Page - Zilog, Inc. Z89175 Datasheet HTML 22Page - Zilog, Inc. Z89175 Datasheet HTML 23Page - Zilog, Inc. Z89175 Datasheet HTML 24Page - Zilog, Inc. Z89175 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Z89175/Z89176
Zilog
Voice Processing Controllers
DS97TAD0100
P R E L I M I N A R Y
21
2
AC ELECTRICAL CHARACTERISTICS
Handshake Timing Table
VCC
TA= 0°C to +70°C
Data
No
Symbol
Parameter
Note
Min
Max
Units
Direction
1
TsDI(DAV)
Data In Setup Time
5.0V
0
ns
IN
2
ThDI(RDY)
RDY to Data Hold Time
5.0V
0
ns
IN
3
TwDAV
Data Available Width
5.0V
40
ns
IN
4
TdDAVI(RDY)
DAV Fall to RDY Fall Delay
5.0V
70
ns
IN
5
TdDAVId(RDY)
DAV Rise to RDY Rise Delay
5.0V
40
ns
IN
6
TdDO(DAV)
RDY Rise to DAV Fall Delay
5.0V
0
ns
IN
7
TcLDAV0(RDY)
Data Out to DAV Fall Delay
5.0V
TpC
ns
OUT
8
TcLDAV0(RDY)
DAV Fall to RDY Fall Delay
5.0V
0
ns
OUT
9
TdRDY0(DAV)
RDY Fall to DAV Rise Delay
5.0V
70
ns
OUT
10
TwRDY
RDY Width
5.0V
40
ns
OUT
11
TdRDY0d(DAV)
RDY Rise to DAV Fall Delay
5.0V
40
ns
OUT
Note:
5.0V
±0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com