Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVJS4151P Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVJS4151P
Description  Single P?묬hannel Trench Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVJS4151P Datasheet(HTML) 3 Page - ON Semiconductor

  NVJS4151P Datasheet HTML 1Page - ON Semiconductor NVJS4151P Datasheet HTML 2Page - ON Semiconductor NVJS4151P Datasheet HTML 3Page - ON Semiconductor NVJS4151P Datasheet HTML 4Page - ON Semiconductor NVJS4151P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NVJS4151P
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
0
1
2
3
4
02
46
8
VGS = −1.8 V
VGS = −2.0 V
VGS = −2.4 V
VGS = −2.8 V to 6.0 V
VGS = −1.6 V
VGS = −1.0 V
VGS = −1.4 V
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
TJ = 25°C
0
1
2
3
4
5
01
2
3
4
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 2. On−Region Characteristics
VDS w −10 V
0
0.1
0.2
0.3
0.4
0.5
024
6
ID = −3.3 A
TJ = 25°C
−VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance versus
Gate−to−Source Voltage
VGS = −1.8 V
TJ = 25°C
−ID, DRAIN CURRENT (A)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
Figure 5. On−Resistance Variation with
Temperature
100
1000
10000
100000
04
8
12
16
20
Figure 6. Drain−to−Source Leakage Current
versus Voltage
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS = 0 V
TJ = 150°C
VGS = −1.2 V
.
0
0.1
0.2
0.3
0.4
0.5
0.6
12
3
4
5
VGS = −2.5 V
VGS = −4.5 V
TJ, JUNCTION TEMPERATURE (°C)
VGS = −4.5 V
ID = −2.9 A
0.7
0.9
1.1
1.3
1.5
1.7
−50
−25
0
25
50
75
100
125
150



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com