Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM359MX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM359MX/NOPB
Description  Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM359MX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM359MX/NOPB Datasheet HTML 1Page - Texas Instruments LM359MX/NOPB Datasheet HTML 2Page - Texas Instruments LM359MX/NOPB Datasheet HTML 3Page - Texas Instruments LM359MX/NOPB Datasheet HTML 4Page - Texas Instruments LM359MX/NOPB Datasheet HTML 5Page - Texas Instruments LM359MX/NOPB Datasheet HTML 6Page - Texas Instruments LM359MX/NOPB Datasheet HTML 7Page - Texas Instruments LM359MX/NOPB Datasheet HTML 8Page - Texas Instruments LM359MX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LM359
www.ti.com
SNOSBT4C – MAY 1999 – REVISED MARCH 2013
Electrical Characteristics (continued)
ISET(IN) = ISET(OUT) = 0.5 mA, Vsupply = 12V, TA = 25°C unless otherwise noted
Parameter
Conditions
Min
Typ
Max
Units
VOUT High
IIN(−) and IIN(+) Grounded
9.5
10.3
V
Output Voltage Swing (RL
= 600
Ω)
VOUT Low
IIN(−) = 100 μA, IIN(+) = 0
2
50
mV
IIN(−) and IIN(+)
16
40
Source
Grounded, RL = 100Ω
Vcomp−0.5V = VOUT = 1V,
4.7
Output Currents
Sink (Linear Region)
mA
IIN(+) = 0
IIN(−) = 100 μA, IIN(+) = 0,
Sink (Overdriven)
1.5
3
VOUT Force = 1V
Supply Current
Non-Inverting Input Grounded, RL = ∞
18.5
22
mA
Power Supply Rejection(2) f = 120 Hz, IIN(+) Grounded
40
50
dB
(2)
See Figure 15 and Figure 16.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM359



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com