Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321
Description  Low-Voltage Rail-to-Rail Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321 Datasheet(HTML) 2 Page - Texas Instruments

  LMV321 Datasheet HTML 1Page - Texas Instruments LMV321 Datasheet HTML 2Page - Texas Instruments LMV321 Datasheet HTML 3Page - Texas Instruments LMV321 Datasheet HTML 4Page - Texas Instruments LMV321 Datasheet HTML 5Page - Texas Instruments LMV321 Datasheet HTML 6Page - Texas Instruments LMV321 Datasheet HTML 7Page - Texas Instruments LMV321 Datasheet HTML 8Page - Texas Instruments LMV321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
LMV358, LMV321, LMV324, LMV324S
SLOS263W – AUGUST 1999 – REVISED OCTOBER 2014
www.ti.com
Table of Contents
8.1
Overview ................................................................. 16
1
Features .................................................................. 1
8.2
Functional Block Diagram ....................................... 16
2
Applications ........................................................... 1
8.3
Feature Description................................................. 17
3
Description ............................................................. 1
8.4
Device Functional Modes........................................ 17
4
Simplified Schematic............................................. 1
9
Application and Implementation ........................ 18
5
Revision History..................................................... 2
9.1
Typical Application ................................................. 18
6
Pin Configuration and Functions ......................... 3
10
Power Supply Recommendations ..................... 21
7
Specifications......................................................... 4
11
Layout................................................................... 22
7.1
Absolute Maximum Ratings ..................................... 4
11.1
Layout Guidelines ................................................. 22
7.2
Handling Ratings....................................................... 4
11.2
Layout Example .................................................... 22
7.3
Recommended Operating Conditions ...................... 4
12
Device and Documentation Support ................. 23
7.4
Thermal Information .................................................. 4
12.1
Related Links ........................................................ 23
7.5
Electrical Characteristics: VCC+ = 2.7 V.................... 5
12.2
Trademarks ........................................................... 23
7.6
Electrical Characteristics: VCC+ = 5 V....................... 6
12.3
Electrostatic Discharge Caution ............................ 23
7.7
Shutdown Characteristics, LMV324S: VCC+ = 2.7 V 7
12.4
Glossary ................................................................ 23
7.8
Shutdown Characteristics, LMV324S: VCC+ = 5 V ... 7
13
Mechanical, Packaging, and Orderable
7.9
Typical Characteristics .............................................. 8
Information ........................................................... 23
8
Detailed Description ............................................ 16
5 Revision History
Changes from Revision V (December 2013) to Revision W
Page
•
Added Applications, Handling Rating table, Thermal Information Table, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section................................................................ 1
Changes from Revision U (July 2012) to Revision V
Page
•
Updated document to new TI data sheet format. ................................................................................................................... 1
•
Removed Ordering Information table. .................................................................................................................................... 3
•
Added ESD warning. ............................................................................................................................................................ 23
2
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LMV358 LMV321 LMV324 LMV324S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com