Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324AM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM324AM/NOPB
Description  Low-Power, Quad-Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM324AM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM324AM/NOPB Datasheet HTML 1Page - Texas Instruments LM324AM/NOPB Datasheet HTML 2Page - Texas Instruments LM324AM/NOPB Datasheet HTML 3Page - Texas Instruments LM324AM/NOPB Datasheet HTML 4Page - Texas Instruments LM324AM/NOPB Datasheet HTML 5Page - Texas Instruments LM324AM/NOPB Datasheet HTML 6Page - Texas Instruments LM324AM/NOPB Datasheet HTML 7Page - Texas Instruments LM324AM/NOPB Datasheet HTML 8Page - Texas Instruments LM324AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM124-N, LM224-N
LM2902-N, LM324-N
SNOSC16D – MARCH 2000 – REVISED JANUARY 2015
LMx24-N, LM2902-N Low-Power, Quad-Operational Amplifiers
1 Features
3 Description
The LM124-N series consists of four independent,
1
•
Internally Frequency Compensated for Unity Gain
high-gain,
internally
frequency
compensated
•
Large DC Voltage Gain 100 dB
operational amplifiers designed to operate from a
•
Wide Bandwidth (Unity Gain) 1 MHz
single power supply over a wide range of voltages.
(Temperature Compensated)
Operation from split-power supplies is also possible
and
the
low-power
supply
current
drain
is
•
Wide Power Supply Range:
independent of the magnitude of the power supply
–
Single Supply 3 V to 32 V
voltage.
–
or Dual Supplies ±1.5 V to ±16 V
Application areas include transducer amplifiers, DC
•
Very Low Supply Current Drain (700
μA)
gain blocks and all the conventional op amp circuits
—Essentially Independent of Supply Voltage
which now can be more easily implemented in single
•
Low Input Biasing Current 45 nA
power supply systems. For example, the LM124-N
series can directly operate off of the standard 5-V
(Temperature Compensated)
power supply voltage which is used in digital systems
•
Low Input Offset Voltage 2 mV
and easily provides the required interface electronics
and Offset Current: 5 nA
without requiring the additional ±15 V power supplies.
•
Input Common-Mode Voltage Range Includes
Ground
Device Information(1)
•
Differential Input Voltage Range Equal to the
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Power Supply Voltage
LM124-N
CDIP (14)
19.56 mm × 6.67 mm
•
Large Output Voltage Swing 0 V to V+
− 1.5 V
LM224-N
CDIP (14)
19.56 mm × 6.67 mm
•
Advantages:
PDIP (14)
19.177 mm × 6.35 mm
–
Eliminates Need for Dual Supplies
LM324-N
SOIC (14)
8.65 mm × 3.91 mm
–
Four Internally Compensated Op Amps in a
TSSOP (14)
5.00 mm × 4.40 mm
Single Package
PDIP (14)
19.177 mm × 6.35 mm
–
Allows Direct Sensing Near GND and VOUT
LM2902-N
SOIC (14)
8.65 mm × 3.91 mm
also Goes to GND
TSSOP (14)
5.00 mm × 4.40 mm
–
Compatible With All Forms of Logic
(1) For all available packages, see the orderable addendum at
–
Power Drain Suitable for Battery Operation
the end of the datasheet.
–
In the Linear Mode the Input Common-Mode,
Voltage Range Includes Ground and the
Schematic Diagram
Output Voltage
–
Can Swing to Ground, Even Though Operated
from Only a Single Power Supply Voltage
–
Unity Gain Cross Frequency is Temperature
Compensated
–
Input Bias Current is Also Temperature
Compensated
2 Applications
•
Transducer Amplifiers
•
DC Gain Blocks
•
Conventional Op Amp Circuits
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM324AM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM324AM/NOPB TI1-LM324AM/NOPB Datasheet
1Mb / 31P
LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
More results

Similar Description - LM324AM/NOPB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Mar-2001
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Aug-1998
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
Low-power quad operational amplifiers
31-Aug-2022
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
Low power quad operational amplifiers
ver.09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com