Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324AMX/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM324AMX/NOPB
Description  Low-Power, Quad-Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM324AMX/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM324AMX/NOPB Datasheet HTML 2Page - Texas Instruments LM324AMX/NOPB Datasheet HTML 3Page - Texas Instruments LM324AMX/NOPB Datasheet HTML 4Page - Texas Instruments LM324AMX/NOPB Datasheet HTML 5Page - Texas Instruments LM324AMX/NOPB Datasheet HTML 6Page - Texas Instruments LM324AMX/NOPB Datasheet HTML 7Page - Texas Instruments LM324AMX/NOPB Datasheet HTML 8Page - Texas Instruments LM324AMX/NOPB Datasheet HTML 9Page - Texas Instruments LM324AMX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LM124-N, LM224-N
LM2902-N, LM324-N
SNOSC16D – MARCH 2000 – REVISED JANUARY 2015
www.ti.com
Electrical Characteristics: LM124A/224A/324A (continued)
V
+ = 5.0 V, (1), unless otherwise stated
LM124A
LM224A
LM324A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
IOS Drift
RS = 0 Ω
10
200
10
200
10
300
pA/°C
Input Bias Current
IIN(+) or IIN(−)
40
100
40
100
40
200
nA
Input Common-Mode
V+ = 30 V,
0
0
0
V
V+
−2
V+
−2
V+
−2
Voltage Range(4)
(LM2902-N, V+ = 26 V)
Large Signal
V+ = 15 V (VOSwing = 1 V to 11 V),
25
25
15
V/mV
Voltage Gain
RL ≥ 2 kΩ
RL = 2 kΩ
26
26
26
V+ = 30 V
Output
VOH
(LM2902-N,
V
RL = 10 kΩ
27
28
27
28
27
28
Voltage
V+ = 26 V)
Swing
5
20
5
20
5
20
mV
VOL
V+ = 5 V, RL = 10 kΩ
VIN
+ = +1V,
Source
10
20
10
20
10
20
VIN
− = 0V,
V+ = 15V
Output
VO = 2 V
mA
Current
10
15
5
8
5
8
VIN
− = +1V,
Sink
VIN
+ = 0V,
V+ = 15V
6.6 Electrical Characteristics: LM124-N/224-N/324-N/2902-N
V
+ = +5.0V, (1), unless otherwise stated
LM124-N / LM224-N
LM324-N
LM2902-N
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
TA = 25°C
(2)
2
5
2
7
2
7
mV
Input Bias Current(3)
IIN(+) or IIN(−), VCM = 0 V, TA = 25°C
45
150
45
250
45
250
nA
Input Offset Current
IIN(+) or IIN(−), VCM = 0 V, TA = 25°C
3
30
5
50
5
50
nA
Input Common-Mode Voltage
V+ = 30 V, (LM2902-N, V+ = 26V),
V+
−1.
V+
−1.
V+
−1.
0
0
0
V
Range(4)
5
5
5
TA = 25°C
Over Full Temperature Range
RL = ∞ On All Op Amps,
1.5
3
1.5
3
1.5
3
Supply Current
mA
V+ = 30 V (LM2902-N V+ = 26 V)
0.7
1.2
0.7
1.2
0.7
1.2
V+ = 5 V
V+ = 15V, RL≥ 2 kΩ,
Large Signal Voltage Gain
50
100
25
100
25
100
V/mV
(VO = 1 V to 11 V), TA = 25°C
Common-Mode Rejection
70
85
65
85
50
70
dB
DC, VCM = 0 V to V
+ − 1.5 V, T
A = 25°C
Ratio
V+ = 5 V to 30 V (LM2902-N,
Power Supply Rejection Ratio
65
100
65
100
50
100
dB
V+ = 5 V to 26 V), TA = 25°C
Amplifier-to-Amplifier
f = 1 kHz to 20 kHz, TA = 25°C
−120
−120
−120
dB
Coupling(5)
(Input Referred)
(1)
These specifications are limited to
−55°C ≤ TA ≤ +125°C for the LM124-N/LM124A. With the LM224-N/LM224A, all temperature
specifications are limited to
−25°C ≤ TA ≤ +85°C, the LM324-N/LM324A temperature specifications are limited to 0°C ≤ TA ≤ +70°C, and
the LM2902-N specifications are limited to
−40°C ≤ TA ≤ +85°C.
(2)
VO ≃ 1.4V, RS = 0 Ω with V
+ from 5 V to 30 V; and over the full input common-mode range (0 V to V+ − 1.5 V) for LM2902-N, V+ from 5
V to 26 V.
(3)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
(4)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3 V (at 25°C). The
upper end of the common-mode voltage range is V+
− 1.5 V (at 25°C), but either or both inputs can go to 32 V without damage (26 V for
LM2902-N), independent of the magnitude of V+.
(5)
Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This
typically can be detected as this type of capacitance increases at higher frequencies.
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM124-N LM224-N LM2902-N LM324-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com