Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMBM-Q87A Datasheet(PDF) 2 Page - AAEON Technology

Part # IMBM-Q87A
Description  tpm support
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

IMBM-Q87A Datasheet(HTML) 2 Page - AAEON Technology

  IMBM-Q87A Datasheet HTML 1Page - AAEON Technology IMBM-Q87A Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-54
www.aaeon.com
Note: All specifications are subject to change without notice.
Block Diagram
Dimension
Unit: mm
Ordering Information
IMBM-Q87A
Part number
CPU
RAM
Fan/Fanless
Display
Storage
LVDS
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
TPM
Temp.
IMBM-Q87A-A10
Socket
240-pin DIMM Fan
VGA, DVI, DP x 2 SATA3 x 5
—
Intel®GbE x 2
USB 3.0 x 4
USB 2.0 x 8
5
1
PCI-E [x16] x 1,
PCI-E [x4] x 1,
PCI x 2,
Half-size Mini-Card x 1
ATX
Pin
Header
0
°C ~ 60°C
IMBM-Q87A-A10-MS
Socket
240-pin DIMM Fan
VGA, DVI, DP x 2
SATA3 x 5
mSATA x 1 (Half-size
Mini-PCI-E Slot)
—
Intel®GbE x 2
USB 3.0 x 4
USB 2.0 x 8
5
1
PCI-E [x16] x 1,
PCI-E [x4] x 1,
PCI x 2
ATX
Pin
Header
0
°C ~ 60°C
Optional Accessories
• 1709100330
USB 2.0 cable (9P, 330MM, p=2.54mm, w/bracket)
• 170910020K
USB 2.0 cable (9P, 200MM, p=2.54mm, w/o bracket)
• 1701260305
LPT Cable (25P, 270mm)
• 175921156B
CPU Cooler (2-Ball, Push-pin Type)
• 1759200172
CPU Cooler (2-Ball, Screw with Retention Plate)
• 1701160201
VGA Cable (200mm, p=2.00mm)
• 1700060192
PS/2 Combo Cable, 6P, 190mm
• TPM Module
Intel®
Lynx Point
PCH Q87
Intel® Processor
Haswell
PCI-E
PCI-E x16 Gen III
Channel A
DDR3 DIMM x2 1600/1333MHz
DMI
VGA
Channel B
FDI
5 x SATAIII
8 x USB 2.0
LP
C
6 Gpbs
4 x USB 3.0
Nuvoton
NCT6791D
TPM 1.2
20-1 Pin Header
Display Port1
DVI-D
Display Port2
Port B
Port C
Port D
DDR3 DIMM x2 1600/1333MHz
Fintek
F81216HD
COM 3~6
FAN1~3
PS/2
KB/MS
COM1 (RS-232/422/485)
& COM2
HW
Monitor
DIO
8-BIT
Watch
dog
1 x Half-size
mini-card
(m-SATA optional)
PCIe
PCIe
PCIe
PCIe
2 x PCI Slot
PCIe
PCIe x4
ASM1085
Intel LAN1 PHY
I217LM
RJ45
Intel LAN2_I210AT
Audio ALC887
Line in, Line out,
Mic in
RJ45



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com