Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA3R230GF Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # HA3R230GF
Description  PCI Cards protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

HA3R230GF Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  HA3R230GF Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD HA3R230GF Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(Ø7.5x11.5mm)
5 Electrical Characteristics
continued
Part Number
DC
Spark-over
Voltage
@ 100V/S
Impulse
Spark-over
Voltage
@100V/
μs
Impulse
Spark-over
Voltage
@1KV/
μs
Insulation
Resistance
Impulse
discharge
current(
8
/20
μs)
AC discharge
current
(50Hz,1s,10ti
mes)
Capacitan
ce
(1MHz)
V
V
V
GΩ
10 Times
A
PF
HA3R75GF
75±20%
<500
<600
>1
10KA
10
≤1
HA3R90GF
90±20%
<500
<600
>1
10KA
10
≤1
HA3R150GF
150±20%
<500
<600
>1
10KA
10
≤1
HA3R230GF
230±20%
<600
<700
>1
10KA
10
≤1
HA3R250GF
250±20%
<600
<700
>1
10KA
10
≤1
HA3R300GF
300±20%
<800
≤ 900
>1
10KA
10
≤1
HA3R350GF
350±20%
<900
≤ 1000
>1
10KA
10
≤1
HA3R400GF
400±20%
<900
≤ 1000
>1
10KA
10
≤1
HA3R420GF
420±20%
<900
≤ 1000
>1
10KA
10
≤1
HA3R470GF
470±20%
<1100
≤ 1200
>1
10KA
10
≤1
HA3R600GF
600±20%
<1200
≤ 1300
>1
10KA
10
≤1
HA3R800GF
800±20%
<1300
≤ 1400
>1
10KA
10
≤1
Packing Quantity : 100PCS
HuaXinAn Electronics
sales@huaandz.com
abc0734@126.com
2
HUAAN LIMITED
www.huaandz.com
Tel:+86-755-27465585



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com