Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54ABT646 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT646
Description  Octal Transceivers and Registers with TRI-STATE Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT646 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ABT646 Datasheet HTML 1Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
54ABT646
Octal Transceivers and Registers with TRI-STATE®
Outputs
General Description
The ’ABT646 consists of bus transceiver circuits with
TRI-STATE, D-type flip-flops, and control circuitry arranged
for multiplexed transmission of data directly from the input
bus or from the internal registers. Data on the A or B bus will
be clocked into the registers as the appropriate clock pin
goes to a high logic level. Control OE and direction pins are
provided to control the transceiver function. In the trans-
ceiver mode, data present at the high impedance port may
be stored in either the A or the B register or in both. The se-
lect controls can multiplex stored and real-time (transparent
mode) data. The direction control determines which bus will
receive data when the enable control OE is Active LOW. In
the isolation mode (control OE HIGH), A data may be stored
in the B register and/or B data may be stored in the A regis-
ter.
Features
n Independent registers for A and B buses
n Multiplexed real-time and stored data
n A and B output sink capability of 48 mA, source
capability of 24 mA
n Guaranteed multiple output switching specifications
n Output switching specified for both 50 pF and 250 pF
loads
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Guaranteed latchup protection
n High impedance glitch free bus loading during entire
power up and power down cycle
n Nondestructive hot insertion capability
n Standard Microcircuit Drawing (SMD) 5962-9457701
Ordering Code
Military
Package Number
Package Description
54ABT646J-QML
J24A
24-Lead Ceramic Dual-In-Line
54ABT646W-QML
W24C
24-Lead Cerpack
54ABT646E-QML
E28A
28-Lead Ceramic Leadless Chip Carrier, Type C
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
July 1998
© 1998 National Semiconductor Corporation
DS100209
www.national.com


Similar Part No. - 54ABT646

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT646E-QML NSC-54ABT646E-QML Datasheet
35Kb / 9P
OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ABT646J-QML NSC-54ABT646J-QML Datasheet
35Kb / 9P
OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ABT646W-QML NSC-54ABT646W-QML Datasheet
35Kb / 9P
OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - 54ABT646

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT16646 NSC-54ABT16646 Datasheet
157Kb / 8P
16-Bit Transceivers and Registers with TRI-STATE Outputs
54ABT652 NSC-54ABT652 Datasheet
361Kb / 17P
Octal Transceivers and Registers with TRI-STATE Outputs
logo
Texas Instruments
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT646 FAIRCHILD-74ABT646 Datasheet
97Kb / 9P
Octal Transceivers and Registers with 3-STATE Outputs
74ABT652 FAIRCHILD-74ABT652 Datasheet
92Kb / 10P
Octal Transceivers and Registers with 3-STATE Outputs
logo
National Semiconductor ...
MN54ABT646-X NSC-MN54ABT646-X Datasheet
35Kb / 9P
OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ABT646A TI-SN54ABT646A_07 Datasheet
528Kb / 24P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652_00 Datasheet
700Kb / 33P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT651 TI-SN54ABT651_08 Datasheet
362Kb / 14P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952 TI1-SN54ABT2952 Datasheet
124Kb / 7P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com