Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1117 Datasheet(PDF) 4 Page - Alpha Industries

Part # AS1117
Description  800mA Low Dropout Regulator SCSI-II Active Terminator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS1117 Datasheet(HTML) 4 Page - Alpha Industries

  AS1117 Datasheet HTML 1Page - Alpha Industries AS1117 Datasheet HTML 2Page - Alpha Industries AS1117 Datasheet HTML 3Page - Alpha Industries AS1117 Datasheet HTML 4Page - Alpha Industries AS1117 Datasheet HTML 5Page - Alpha Industries AS1117 Datasheet HTML 6Page - Alpha Industries AS1117 Datasheet HTML 7Page - Alpha Industries AS1117 Datasheet HTML 8Page - Alpha Industries AS1117 Datasheet HTML 9Page - Alpha Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Alpha Semiconductor Inc. 1031 Serpentine Lane. Pleasanton, CA 94568 Tel: (925) 417-1391 Fax: (925) 417-1390
Rev. 9/14/99
AS1117
Table 1.
TOTAL PC BOARD AREA
TOPDIDE COPPER AREA
BACKSIDE COPPER AREA
THERMAL RESISTANCE
JUNCTION TO AMBIENT
2500mm
2500mm
2500mm
2500mm
2500mm
1600mm
2500mm
2500mm
1600mm
900mm
900mm
2500mm
1250mm
950mm
2500mm
1800mm
600mm
1250mm
915mm
600mm
240mm
240mm
2500mm
2500mm
2500mm
0
0
1600mm
0
0
0
900mm
0
46°C/W
°°
47°C/W
°°
49°C/W
°°
51°C/W
°°
53°C/W
°°
55°C/W
°°
58°C/W
°°
59°C/W
°°
67°C/W
°°
72°C/W
°°
85°C/W
°°
LOAD
ADJ
ALPHA
AS1117
800mA Current output
Regulator
VIN
C1
R
1
OUT
IN
IN
OUT
IADJ
ALPHA
AS1117
C1
R1
R2
VOUT
Typical Adjustable Regulator
VIN
C2
VOUT= VREF(1+R2/R1) +IADJ R2
vREF
50uA
ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com