Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENR0560 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ENR0560
Description  This specification defines the performance characteristics of a single-phase 600 watt power supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ENR0560 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  ENR0560 Datasheet HTML 1Page - List of Unclassifed Manufacturers ENR0560 Datasheet HTML 2Page - List of Unclassifed Manufacturers ENR0560 Datasheet HTML 3Page - List of Unclassifed Manufacturers ENR0560 Datasheet HTML 4Page - List of Unclassifed Manufacturers ENR0560 Datasheet HTML 5Page - List of Unclassifed Manufacturers ENR0560 Datasheet HTML 6Page - List of Unclassifed Manufacturers ENR0560 Datasheet HTML 7Page - List of Unclassifed Manufacturers ENR0560 Datasheet HTML 8Page - List of Unclassifed Manufacturers ENR0560 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Enhance Electronics Co.,LTD
______________________________________________________________________________________
Product Specification
F8. ELECTROMAGNETIC COMPATIBILITY (EMC)
8.1 ELECTROSTATIC DISCHARGE (ESD) - EN 61000 – 4 - 2:2008
8.2 ELECTRICAL FAST TRANSIENT / BURST ( EFT/B) – EN 61000 – 4 - 4:2010
8.3 SURGE – EN 61000 – 4 - 5:2005
8.4 POWER FREQUENCY MAGNETIC FIELD – EN 61000 – 4 - 8:2009
8.5 VOLTAGE DIPS – RN 61000 – 4 - 11:2004
8.6 RADIATED SUSCEPTIBILTY – EN 61000 – 4 – 3 :2006
8.7 CONDUCTED SUSCEPTIBILTY – EN 61000 – 4 - 6:2008
8.8 VOLTAGE FLUCTATION - EN 61000 – 3 – 3 :2008
8.9 EN61000-3-2 harmonic current emissions.
If applicable to sales in Europe, the power supply shall meet the requirements ofEN 61000-3-2 Class
D and the Guidelines for the Suppression of Harmonics in Appliances and General Use Equipment
Class D for harmonic line current content at full-rated power.
8.10 EN55022 Class B Radio interference (CISPR 22).
8.11 FCC Part 15, Subpart J class B 115VAC operation.
F9. MTBF
9.1 MTBF (mean time between failures) calculation
The demonstrated MTBF shall be 100,000 hours of continuous operation at 25
oC,
full load and 115V AC input.The MTBF of the power supply shall be calculated in accordance
with MIL-HDBK-217F. The DC FAN is not included.
AUDIT:__________李復新_________CHECK:________________________DESIGN:__________李海燕________
ENR0560 SPEC REV: 3.0
7 OF 9
2013-04-15



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com