Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54ABT574W/883 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT574W/883
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT574W/883 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54ABT574W/883 Datasheet HTML 1Page - National Semiconductor (TI) 54ABT574W/883 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT574W/883 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT574W/883 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT574W/883 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT574W/883 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT574W/883 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT574W/883 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT574W/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature
−65˚C to +150˚C
Ambient Temperature under Bias
−55˚C to +125˚C
Junction Temperature under Bias
Ceramic
−55˚C to +175˚C
V
CC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Any Output in
the Disabled or Power-Off State
−0.5V to 5.5V
in the HIGH State
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
twice the rated I
OL (mA)
DC Latchup Source Current
−500 mA
Over Voltage Latchup (I/O)
10V
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
−55˚C to +125˚C
Supply Voltage
Military
+4.5V to +5.5V
Minimum Input Edge Rate
(
∆V/∆t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Clock Input
100 mV/ns
Note 1: Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired. Functional operation under these
conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol
Parameter
ABT574
Units
V
CC
Conditions
Min
Typ
Max
V
IH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
V
IL
Input LOW Voltage
0.8
V
Recognized LOW Signal
V
CD
Input Clamp Diode Voltage
−1.2
V
Min
I
IN = −18 mA
V
OH
Output HIGH Voltage
54ABT
2.5
V
Min
I
OH = −3 mA
54ABT
2.0
V
Min
I
OH = −24 mA
V
OL
Output LOW Voltage
54ABT
0.55
V
Min
I
OL = 48 mA
I
IH
Input HIGH Current
5
µA
Max
V
IN = 2.7V (Note 4)
5V
IN = VCC
I
BVI
Input HIGH Current Breakdown Test
7
µA
Max
V
IN = 7.0V
I
IL
Input LOW Current
−5
µA
Max
V
IN = 0.5V (Note 4)
−5
V
IN = 0.0V
V
ID
Input Leakage Test
4.75
V
0.0
I
ID = 1.9 µA
All Other Pins Grounded
I
OZH
Output Leakage Current
50
µA
0 − 5.5V
V
OUT = 2.7V; OE = 2.0V
I
OZL
Output Leakage Current
−50
µA
0 − 5.5V
V
OUT = 0.5V; OE = 2.0V
I
OS
Output Short-Circuit Current
−100
−275
mA
Max
V
OUT = 0.0V
I
CEX
Output High Leakage Current
50
µA
Max
V
OUT = VCC
I
ZZ
Bus Drainage Test
100
µA
0.0
V
OUT = 5.5V; All Other GND
I
CCH
Power Supply Current
50
µA
Max
All Outputs HIGH
I
CCL
Power Supply Current
30
mA
Max
All Outputs LOW
I
CCZ
Power Supply Current
50
µA
Max
OE = V
CC
All Others at V
CC or GND
I
CCT
Additional I
CC/Input
Outputs Enabled
2.5
mA
V
I = VCC − 2.1V
Outputs TRI-STATE
2.5
mA
Max
Enable Input V
I = VCC − 2.1V
Outputs TRI-STATE
2.5
mA
Data Input V
I = VCC − 2.1V
All Others at V
CC or GND
I
CCD
Dynamic I
CC
No Load
mA/
Max
Outputs Open, OE = GND,
(Note 4)
0.30
MHz
One Bit Toggling (Note 3),
50% Duty Cycle
Note 3: For 8-bit toggling, ICCD < 0.8 mA/MHz.
Note 4: Guaranteed, but not tested.
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com