Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-VL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LS-VL
Description  High Performance Shared Network Storage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LS-VL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LS-VL Datasheet HTML 1Page - List of Unclassifed Manufacturers LS-VL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BUFFALO Inc., based in Nagoya, Japan, is a leading global provider of award-winning networking, storage and multi-
media solutions for the home and small business environments as well as for system builders and integrators. With
three decades of networking and computer peripheral experience, BUFFALO has proven its commitment to delivering
innovative, best-of-breed solutions that have put the company at the forefront of infrastructure technology.
About BUFFALO Inc.
www.buffalo-asia.com
NETWORK
USB
Add a printer to
the network or a
USB hard drive for
storage or backup
LS-V3.0TL(3TB), LS-V2.0TL(2TB), LS-V1.0TL(1TB)
SPECIFICATIONS
LAN Interface
Standard Compliance
IEEE802.3ab / IEEE802.3 / IEEE802.3u Standard
(1000 BASE-T / 100 BASE-TX / 10 BASE-T)
Data Transfer Rates
1000 / 100 / 10 Mbps
Connector Type
RJ-45
Number of Ports
1
Internal Hard Drives
Drive Interface
SATA II
Number of Drives
1
USB Interface
Standard Compliance
USB 2.0
Connector Type
USB Series A
Number of Ports
1
Data Transfer Rates
Max: 480 Mbps
(High Speed Mode)
Protocol Support
Networking
TCP/IP
File Sharing
SMB / CIFS, FTP, AFP, HTTP / HTTPS
Management
HTTP / HTTPS
Time Synchronization
NTP
Other
Setup Utility OS Support
Windows® 7, Vista®, XP, 2000,
(32bit/64bit)
Windows Server® 2008 (R2), Windows Server® 2003 (R2),
Mac OS® 10.7 †, 10.6, 10.5, 10.4, 10.3.9
Client OS Support
Windows® 7, Vista®, XP, 2000,
(32bit/64bit)
Windows Server® 2008 (R2), Windows Server® 2003 (R2),
Mac OS® 10.7 †, 10.6, 10.5, 10.4, 10.3.9
Dimensions(WxHxD)
45 x 175 x 156 mm
Weight
1.1 kg
Power Consumption
Average 17W / Max 24W (with no USB devices connected)
Power Supply
AC100-240V 50/60 Hz
† If you use the Delegate Authority server feature, you can not access the shared folders with access restriction from Mac OSXv10.7 Lion via SMB.
- AFP connection: Supported by the firmware since Ver.1.52.
- Time Machine backup: Supported by the firmware since Ver.1.54.
*1TB = 1,000,000,000,000 Bytes. Actual data throughput and range will vary depending upon network conditions and environmental factors, including volume of network
traffic, building materials and construction, and network overhead.
©2011 BUFFALO INC. BUFFALO and BUFFALO logo are either trademarks or registered trademarks of MELCO HOLDINGS INC. LinkStation Pro and LinkStation Pro logo are either trademarks or registered
trademarks of BUFFALO INC. or its affiliates in the United State and other countries. Apple, Mac, Mac OS, iTunes, iPhone, iPad and Time Machine are registered trademarks of Apple Inc. NovaBACKUP and
NovaStor logo are either trademarks or registered trademarks of NovaStor Corporation in the United States and/or other countries. DLNA and DLNA CERTIFIED are trademarks and/or trademarks of Digital
Living Network Alliance. Some contents may not be compatible with other DLNA CERTIFIED™ products.Windows is a registered trademark of Microsoft Corporation in the United States and/or other countries.
The names and logos of other companies mentioned herein belong to their respective owners.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com