Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-X2.0TL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LS-X2.0TL
Description  BitTorrent download Box - access files from anywhere from your smartphone
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LS-X2.0TL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LS-X2.0TL Datasheet HTML 1Page - List of Unclassifed Manufacturers LS-X2.0TL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
About BUFFALO
www.buffalo-asia.com
BUFFALO Inc., based in Nagoya, Japan, is a leading global provider of award-winning networking, storage and multi-media
solutions for the home and small business environments as well as for system builders and integrators. With three decades of
networking and computer peripheral experience, BUFFALO has proven its commitment to delivering innovative, best-of-breed
solutions that have put the company at the forefront of infrastructure technology.
Specifications
Internal Hard Drives
Drive interface
SATA II
Number of Drives
1
Protocol Support
Networking
TCP/IP
File Sharing
SMB / CIFS, FTP, AFP, HTTP /
HTTPS
Management
HTTP / HTTPS
Time Synchronization
NTP
Others
Model
LS-XL Series
LS-X3.0TL (3TB), LS-X2.0TL (2TB), LS-X1.0TL (1TB)
©2010 BUFFALO INC. BUFFALO and BUFFALO logo are either trademarks or registered trademarks of MELCO HOLDINGS INC. LinkStation and LinkStation logo are either trademarks or registered
trademarks of BUFFALO INC. Apple, Mac, iPhone, iPad, Time Machine, iTunes, Bonjour logo and Mac OS are registered trademarks of Apple, Inc. DLNA and DLNA CERTIFIED are trademarks and/
or registered trademarks of Digital Living Network Alliance. Some contents may not be compatible with other DLNA CERTIFIED™ products. Microsoft Windows and Windows logo are either registered
trademarks or trademarks of Microsoft Corporation in the United States and/or other countries. Android is a trademark of Google, Inc. NovaBACKUP and NovaStor logo are either trademarks or registered
trademarks of NovaStor Corporation in the United States and/or other countries. The names and logos of other companies mentioned herein belong to their respective owners.
*1 GB = 1,000,000,000 bytes / 1 TB = 1,000,000,000,000 bytes; total accessible capacity varies depending on operating environment. Data rate, features and performance may vary
based on the configuration of your system and other factors. Buffalo Technology (Buffalo Inc.) shall not be responsible for data loss and shall have no liability arising out of damages
from lost data.
LAN Interface
Standard Compliance
IEEE802.3ab / IEEE802.3 /
IEEE802.3u Standard
(1000 BASE-T / 100 BASE-TX /
10 BASE-T)
Number of Ports
1
Connector Type
RJ-45
Package Contents
LinkStation LiveTM LS-XL
Ethernet Cable (2m)
AC Adapter
Utility CD
Quick Setup Guide
Stand
Rubber Feet (x4)
Warranty Statement
Dimensions (WxHxD)
45 × 175 × 150 mm
Weight
1.1 kg
Operating Environment
5-35°C 20-80% RH
(Non-Condensing)
Power Consumption
Average 17W / Max. 24W
Power Supply
AC100-240V 50/60Hz
Warranty
3-Year
BitTorrent download Box - access files from anywhere from your smartphone
3TB
2TB
1TB
LAN port
Mac OS X
Windows
-
-
-
7
32bit/
64bit
Vista
32bit/
64bit
XP
*1
Server
2008
*2
Server
2003
*2
10.7†
10.6
10.5
10.4
*1. Include MCE2005 / MCE2004
*2. Include R2
† If you use the Delegate Authority server feature, you can not access the shared folders with access
restriction from Mac OSXv10.7 Lion via SMB. Time Machine backup is supported by the firmware
from Ver.1.54.
Client OS Support
LinkStation Live™ LS-XL
LinkNavigator
NAS Navigator 2
NovaBACKUP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com