Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY15L Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATTINY15L
Description  8-bit AVR Microcontroller with 1K Byte Flash
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY15L Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATTINY15L Datasheet HTML 3Page - ATMEL Corporation ATTINY15L Datasheet HTML 4Page - ATMEL Corporation ATTINY15L Datasheet HTML 5Page - ATMEL Corporation ATTINY15L Datasheet HTML 6Page - ATMEL Corporation ATTINY15L Datasheet HTML 7Page - ATMEL Corporation ATTINY15L Datasheet HTML 8Page - ATMEL Corporation ATTINY15L Datasheet HTML 9Page - ATMEL Corporation ATTINY15L Datasheet HTML 10Page - ATMEL Corporation ATTINY15L Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
ATtiny15L
1187DS–12/01
Packaging Information
8P3
10.16(0.400)
9.017(0.355)
PIN
1
7.11(0.280)
6.10(0.240)
.300 (7.62) REF
5.33(0.210) MAX
254(0.100) BSC
0.381(0.015)MIN
0.559(0.022)
0.356(0.014)
3.81(0.150)
2.92(0.115)
1.78(0.070)
1.14(0.045)
8.26(0.325)
7.62(0.300)
10.90(0.430) MAX
0.356(0.014)
0.203(0.008)
4.95(0.195)
2.92(0.115)
Seating Plane
*Controlling dimension: Inches
8P3, 8-lead, Plastic Dual Inline
Package (PDIP), 0.300" Wide.
Dimensions in Millimeters and (Inches)*
JEDEC STANDARD MS-001 BA
1.524(0.060)
0.000(0.000)
REV. A
04/11/2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com