Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082CM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL082CM/NOPB
Description  Wide Bandwidth Dual JFET Input Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL082CM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  TL082CM/NOPB Datasheet HTML 1Page - Texas Instruments TL082CM/NOPB Datasheet HTML 2Page - Texas Instruments TL082CM/NOPB Datasheet HTML 3Page - Texas Instruments TL082CM/NOPB Datasheet HTML 4Page - Texas Instruments TL082CM/NOPB Datasheet HTML 5Page - Texas Instruments TL082CM/NOPB Datasheet HTML 6Page - Texas Instruments TL082CM/NOPB Datasheet HTML 7Page - Texas Instruments TL082CM/NOPB Datasheet HTML 8Page - Texas Instruments TL082CM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TL082-N
SNOSBW5C – APRIL 1998 – REVISED APRIL 2013
www.ti.com
Simplified Schematic
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
±18V
Power Dissipation(3)
(4)
Operating Temperature Range
0°C to +70°C
Tj(MAX)
150°C
Differential Input Voltage
±30V
Input Voltage Range (5)
±15V
Output Short Circuit Duration
Continuous
Storage Temperature Range
−65°C to +150°C
Lead Temp. (Soldering, 10 seconds)
260°C
ESD rating to be determined.
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The power dissipation limit, however, cannot be exceeded.
(4)
For operating at elevated temperature, the device must be derated based on a thermal resistance of 115°C/W junction to ambient for the
P0008E package.
(5)
Unless otherwise specified the absolute maximum negative input voltage is equal to the negative power supply voltage.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: TL082-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com