Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL062ACDRG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL062ACDRG4
Description  Low-Power JFET-Input Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL062ACDRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL062ACDRG4 Datasheet HTML 5Page - Texas Instruments TL062ACDRG4 Datasheet HTML 6Page - Texas Instruments TL062ACDRG4 Datasheet HTML 7Page - Texas Instruments TL062ACDRG4 Datasheet HTML 8Page - Texas Instruments TL062ACDRG4 Datasheet HTML 9Page - Texas Instruments TL062ACDRG4 Datasheet HTML 10Page - Texas Instruments TL062ACDRG4 Datasheet HTML 11Page - Texas Instruments TL062ACDRG4 Datasheet HTML 12Page - Texas Instruments TL062ACDRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
www.ti.com
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
6.11 Typical Characteristics
Data at high and low temperatures are applicable only within the specified operating free-air temperature ranges of the
various devices.
Table 1. Table of Graphs
FIGURE
Maximum peak output voltage versus Supply voltage
Figure 1
Maximum peak output voltage versus Free-air temperature
Figure 2
Maximum peak output voltage versus Load resistance
Figure 3
Maximum peak output voltage versus Frequency
Figure 4
Differential voltage amplification versus Free-air temperature
Figure 5
Large-signal differential voltage amplification versus Frequency
Figure 6
Phase shift versus Frequency
Figure 6
Supply current versus Supply voltage
Figure 7
Supply current versus Free-air temperature
Figure 8
Total power dissipation versus Free-air temperature
Figure 9
Common-mode rejection ratio versus Free-air temperature
Figure 10
Normalized unity-gain bandwidth versus Free-air temperature
Figure 11
Normalized slew rate versus Free-air temperature
Figure 11
Normalized phase shift versus Free-air temperature
Figure 11
Input bias current versus Free-air temperature
Figure 12
Voltage-follower large-signal pulse response versus Time
Figure 13
Output voltage versus Elapsed time
Figure 14
Equivalent input noise voltage versus Frequency
Figure 15
Copyright © 1978–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com