Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6321 Datasheet(PDF) 1 Page - Rohm

Part # BA6321
Description  FG system speed servo controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6321 Datasheet(HTML) 1 Page - Rohm

  BA6321 Datasheet HTML 1Page - Rohm BA6321 Datasheet HTML 2Page - Rohm BA6321 Datasheet HTML 3Page - Rohm BA6321 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
746
Motor driver ICs
FG system speed servo controller
BA6301 / BA6301F / BA6321
The BA6301, BA6301F, and BA6321 are single package servo control ICs suitable for controlling the speed of VCR mo-
tors. The ICs contain an F / V conversion section for speed control, a hysteresis amplifier section for waveform shaping,
and an MIX amplifier section for speed / phase control output. They are compatible with either phase lagging or phase
leading servo by setting the MIX system according to the phase servo control and MDA. They provide stable and efficient
operation with either 5, 9, or 12V supply voltage. Motor speed can be controlled precisely at different levels with an FG
program counter.
FApplications
Speed control of capstan motors, drum head motors, reel motors, cassette players, and record players
FFeatures
1) Motor speed can be controlled by an FG program
counter.
2) S / H type F / V converter allows servo control of vari-
ous FG frequencies (BA6301 / F or BA6321 is used
for fC greater or less than 600Hz, respectively)
3) Quick and precise motor starting.
4) Low current dissipation.
5) Wide range of operating voltage.
6) Limited number of external components.
FBlock diagram


Similar Part No. - BA6321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA6320L ETC1-BA6320L Datasheet
375Kb / 3P
Motor speed and phase control
BA6325F ETC1-BA6325F Datasheet
375Kb / 3P
Motor speed and phase control
More results

Similar Description - BA6321

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2611 NJRC-NJM2611 Datasheet
270Kb / 10P
SERVO MOTOR CONTROLLER
logo
Rohm
BA6302A ROHM-BA6302A Datasheet
58Kb / 4P
FG system speed servo controller
BU38603 ROHM-BU38603 Datasheet
78Kb / 7P
System control servo
logo
List of Unclassifed Man...
AA51880 ETC-AA51880 Datasheet
282Kb / 5P
SERVO MOTOR CONTROLLER
BA2266A ETC1-BA2266A Datasheet
239Kb / 2P
Radio Servo controller
logo
Agamem Microelectronic ...
AA51880 AGAMEM-AA51880 Datasheet
387Kb / 10P
SERVO MOTOR CONTROLLER
AA51882 AGAMEM-AA51882 Datasheet
239Kb / 8P
SERVO MOTOR CONTROLLER
AA51883 AGAMEM-AA51883 Datasheet
110Kb / 7P
SERVO MOTOR CONTROLLER
AA51890 AGAMEM-AA51890 Datasheet
233Kb / 7P
SERVO MOTOR CONTROLLER
logo
Exar Corporation
XR-2266 EXAR-XR-2266 Datasheet
835Kb / 11P
Monolithic servo controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com