Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC02L Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC02L
Description  Quad 2-Input NOR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC02L Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54AC02L Datasheet HTML 1Page - National Semiconductor (TI) 54AC02L Datasheet HTML 2Page - National Semiconductor (TI) 54AC02L Datasheet HTML 3Page - National Semiconductor (TI) 54AC02L Datasheet HTML 4Page - National Semiconductor (TI) 54AC02L Datasheet HTML 5Page - National Semiconductor (TI) 54AC02L Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5V to +7.0V
DC Input Diode Current (I
IK)
V
I = −0.5V
−20 mA
V
I = VCC + 0.5V
+20 mA
DC Input Voltage (V
I)
−0.5V to V
CC + 0.5V
DC Output Diode Current (I
OK)
V
O = −0.5V
−20 mA
V
O = VCC + 0.5V
+20 mA
DC Output Voltage (V
O)
−0.5V to to V
CC + 0.5V
DC Output Source or Sink
Current (I
O)
±50 mA
DC V
CC or Ground Current per
Output Pin (I
CC or IGND)
±50 mA
Storage Temperature (T
STG)
−65˚C to +150˚C
Junction Temperature (T
J)
CDIP
175˚C
Recommended Operating
Conditions
Supply Voltage (V
CC)
’AC
2.0V to 6.0V
Input Voltage (V
I)
0VtoV
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A)
54AC
−55˚C to +125˚C
Minimum Input Edge Rate (
∆V/∆t)
’AC Devices
V
IN from 30% to 70% of VCC
V
CC @ 3.3V, 4.5V, 5.5V
125 mV/ns
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. National does not recom-
mend operation of FACT™ circuits outside databook specifications.
DC Characteristics for ’AC Family Devices
Symbol
Parameter
V
CC
(V)
54AC
Units
Conditions
T
A =
−55˚C to +125˚C
Guaranteed Limits
V
IH
Minimum High Level
Input Voltage
3.0
2.1
V
V
OUT = 0.1V
or V
CC − 0.1V
4.5
3.15
5.5
3.85
V
IL
Maximum Low Level
Input Voltage
3.0
0.9
V
V
OUT = 0.1V
or V
CC − 0.1V
4.5
1.35
5.5
1.65
V
OH
Minimum High Level
Output Voltage
3.0
2.9
V
I
OUT = −50 µA
4.5
4.4
5.5
5.4
(Note 2)
V
IN = VIL or VIH
3.0
2.4
VI
OH
−12 mA
4.5
3.7
−24 mA
5.5
4.7
−24 mA
V
OL
Maximum Low Level
Output Voltage
3.0
0.1
V
I
OUT = 50 µA
4.5
0.1
5.5
0.1
(Note 2)
V
IN = VIL or VIH
3.0
0.5
VI
OL
12 mA
4.5
0.5
24 mA
5.5
0.5
24 mA
I
IN
Maximum Input
Leakage Current
5.5
±1.0
µA
V
I = VCC, GND
I
OLD
(Note 3) Minimum
Dynamic Output
Current
5.5
50
mA
V
OLD = 1.65V Max
I
OHD
5.5
−50
mA
V
OHD = 3.85V Min
I
CC
Maximum Quiescent
Supply Current
5.5
40.0
µA
V
IN = VCC
or GND
www.national.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com