Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH6005LPS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMTH6005LPS
Description  60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6005LPS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMTH6005LPS Datasheet HTML 1Page - Diodes Incorporated DMTH6005LPS Datasheet HTML 2Page - Diodes Incorporated DMTH6005LPS Datasheet HTML 3Page - Diodes Incorporated DMTH6005LPS Datasheet HTML 4Page - Diodes Incorporated DMTH6005LPS Datasheet HTML 5Page - Diodes Incorporated DMTH6005LPS Datasheet HTML 6Page - Diodes Incorporated DMTH6005LPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMTH6005LPS
Document number: DS38151 Rev. 3 - 2
3 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMTH6005LPS
0.0
10.0
20.0
30.0
40.0
50.0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = 3.0V
V
GS = 4.0V
V
GS = 5.0V
V
GS = 4.5V
V
GS = 3.5V
V
GS = 6.0V
V
GS = 10.0V
0
5
10
15
20
25
30
1
2
3
4
5
6
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
-55oC
25oC
85oC
150oC
125oC
V
DS = 5V
175oC
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.01
0
5
10
15
20
25
30
35
40
45
50
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS = 6.0V
V
GS = 10V
V
GS = 4.5V
0
0.01
0.02
0.03
0.04
0.05
0.06
0
4
8
12
16
20
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D = 50A
I
D = 20A
I
D = 12.5A
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.01
10
20
30
40
50
60
70
80
90
100
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current and
Junction Temperature
V
GS = 10V
150oC
125oC
-55oC
25oC
85oC
175oC
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Junction
Temperature
V
GS = 10V, ID = 50A
V
GS = 4.5V, ID = 12.5A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com