Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35-08IO4 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CS35-08IO4
Description  Phase Control Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS35-08IO4 Datasheet(HTML) 3 Page - IXYS Corporation

  CS35-08IO4 Datasheet HTML 1Page - IXYS Corporation CS35-08IO4 Datasheet HTML 2Page - IXYS Corporation CS35-08IO4 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2000 IXYS All rights reserved
3 - 3
0
50
100
150
0
50
100
150
23
4
5 6 7 8 9
110
103
104
10-3
10-2
10-1
100
101
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
0
50
100
150
200
50
100
150
0
10-3
10-2
10-1
100
101
102
0.0
0.2
0.4
0.6
0.8
I
2t
I
TSM
A
t
t
T
c
P
T
W
I
T(AV)M
A
T
amb
t
s
Z
thJH
K/W
A
A
2s
s
°C
ms
°C
2
4
6
I
T(AV)M
30°
60°
120°
180°
DC
CS 35
Fig. 3 Surge overload current
I
TSM: crest value, t: duration
Fig. 4 I2t versus time (1-10 ms)
Fig. 6 Power dissipation versus on-state current and ambient temperature
Fig. 5 Maximum forward current at
case temperature
Fig. 7 Transient thermal impedance junction to heatsink
R
thJH for various conduction angles d:
dR
thJH (K/W)
DC
0.6
180
°
0.65
120
°
0.677
60
°
0.725
30
°
0.775
Constants for Z
thJH calculation:
iR
thi (K/W)
t
i (s)
1
0.01
0.001
2
0.09
0.013
3
0.30
0.3
4
0.20
0.9
50Hz, 80%V
RRM
T
VJ = 45°C
T
VJ = 125°C
V
R = 0 V
T
VJ = 45°C
T
VJ = 125°C
DC
180° sin
120°
60°
30°
DC
180° sin
120°
60°
30°
R
thJA :
0.9 K/W
1.3 K/W
1.6 K/W
3.3 K/W
ase



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com